Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
B-8
Viterbi Decoder Implementation
Extended Algorithm Program Listing
;***********************STORE PARTIAL PATH METRICS MACRO***************
;
FUNCTION: The storage is somewhat twisted.
The stored paths are
;
current up to the most recent input bit, which is NOT
;
convenient for traceback.
As a result, I process the data as
;
follows:
I preloaded the path with 6 bits.
Thereafter, I
;
process 8 path bits so the path has 14 bits.
The most
;
significant 8, I save. The remaining bits are the current
;
encoder values for that path. The 5 lsb's are the current
;
state.
;
INPUTS:
;
n0 should point to memory where the path bits are to be stored
;
r5 should point to the latest path metric for state 0
;
OUTPUTS:
;
Updated paths storage X memory, n0 points to next path storage
;
REGISTERS USED:
;
a,b,y1,r0,n0,r3,r5
;*********************************************************************
;
;
Store off path data in bytes to avoid overflow in path reg's
;
STOREPATHS macro LPCNT
;
move
n0,r3
;n0 stores path data pointer
move
n0,r0
move
#>$1f,y1
;mask for 5 lsb's(NUMENCBITS-1 of 1's)
do
LPCNT,_PSTORE1
;store paths for each state
move
y:(r5),b
;grab path
asr
#5,b,a
;align bits 5-12 w/ a1 (8 bits beyond enc)
and
y1,b
;mask off 5 lsb's to return to path
move
a1,x:(r3)+
;store 8 ms path bits
move
b1,y:(r5)+
;return 5 ls path bits
_PSTORE1
lua
(R4+NUMSTATES),R5
;r5 points to latest states
lua
(r0+NUMSTATES),n0
;update path data pointer
endm
Example B-1
Extended Algorithm Program Listing (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com