Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
Extended Algorithm Program Listing
Viterbi Decoder Implementation
B-9
;***********************TRACEBACK OUTPUT PATH MACRO*******************
;
FUNCTION: To output the correct data, we begin at the end.
We take
;
the output path of the survivor state (0), and place its
;
associated output path in memory as the last output data
;
byte.
Then we use bits 3-7 of that data as an offset pointer
;
to the correct traceback data of the next previous path data
;
memory.
We continue this until we have traced the data back
;
to the begining.
;
INPUTS:
;
n0 should point to memory where the path bits are to be stored
;
r5 should point to the latest path metric for state 0
;
OUTPUTS:
;
Decoder output data in Y memory
;
REGISTERS USED:
;
a,b,y,r0,n0,r2,r5
;
;*********************************************************************
;
Store off path data in bytes to avoid overflow in path reg's
TRACEBACK macro
;
move
N0,R0
;path ptr to r0
move
#0,n0
;prep for traceback
move
#DECOUT+(NUMINPUTS/8/2),r2 ;point to end of output buffer
move
y:(r5),b
;recall last path
move
#-1,m2
;r2 now linear
move
b1,x:(r0)
;save off last path data
move
#$513,y0
;control word for extract
;
;*****************BEGIN TRACEBACK*****************************
IF (EVEN==0)
move
x:(r0+n0),a
;recall last path
extractu y0,a,b
;bits 3-7 of a1 point to next data
lua
(r0-NUMSTATES),r0
;dec r0 to next earlier path set
lsl
#8,a
;move to upper byte
move
b0,n0
;load as offset for traceback
move
a1,y:(r2)-
;save off
ENDIF
;
do
#NUMINPUTS/8/2,TRCBK
;once for each byte pair
move
x:(r0+n0),a
;recall last path
extractu y0,a,b
;get ptr to next earlier path
lua
(r0-NUMSTATES),r0
;point r0 to next earlier states
move
b0,n0
;save ptr as offset
move
a1,y1
;save out byte in x1
move
x:(r0+n0),a
;do it all again!
extractu y0,a,b
lua
(r0-NUMSTATES),r0
move
b0,n0
lsl
#8,a
;move to upper byte
or
y1,a
;or in last byte to get 16 bit word
move
a1,y:(r2)-
;store result
TRCBK
endm
Example B-1
Extended Algorithm Program Listing (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com