Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
The Viterbi Algorithm
IS-136
Viterbi Decoder Implementation
2-3
2.1
IS-136
This section introduces the Viterbi algorithm through an example from industry: the
convolutional error correcting code used in IS-136, the TIA/EIA interim wireless
standard. Here it is shown how the algorithm is derived, and some typical
computational enhancements are introduced.
2.2
CONVOLUTIONAL ENCODING
The Viterbi algorithm can be usefully illustrated by implementing a convolutional code.
A convolutional encoder implementation in hardware is illustrated schematically in
Figure 2-1
. In order to illustrate the steps needed to implement Viterbi decoders in
general, this application report develops the assembly code needed to implement a
Viterbi algorithm decoder for this encoder.
Figure 2-1
Example Rate 1/2 Convolutional Encoder
In this figure, the square boxes represent a one-bit-wide shift register. Some shift register
outputs are connected to modulo 2 adders (i.e., parity generators). Every time one bit is
shifted into the input, two output bits are generated by the adders. Because we have
more output bits than input bits, we have redundancy. The redundant information can
be used to correct errors at the receiver.
S1
S0
S2
S3
S4
1
D
D2
D3
D4
D5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com