Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
2-4
Viterbi Decoder Implementation
The Viterbi Algorithm
Viterbi Decoder
Error correcting codes have some standard notation. This example, used in the wireless
standard IS-136, is a rate 1/2 code, meaning that for each processing period, one
information bit is taken in and two bits of output are generated. The word (S4,S3,S2,S1,S0)
is the encoder state. The remaining bit of the encoder we call the input bit. There is a
convenient notation that describes the encoder using polynomials. This encoder can be
described with the encoding polynomials (1+D+D3+D5,1+D2+D3+D4+D5). Each factor D
corresponds to a one clock delay for that adder input. Given the encoding polynomials,
we can begin to design the Viterbi decoder.
2.3
VITERBI DECODER
To design a Viterbi decoder, begin by taking some example encoder input and
generating the corresponding output. An example appears in Table 2-1, where it is
assumed that the encoder is 0 filled at the start. For proper decoding, we need to recreate
the encoder states and find the set of state changes, or transitions, that produce an
encoder output that best agrees with our decoder input data. We begin using the same
assumption we used in generating the encoder output in Table 2-1. We assume that the
initial state of the encoder is 00000.
Table 2-1
Input/Output Mapping
To compare our recreated encoder state with the decoder input, we keep track of the
agreements between the recreated encoder outputs and the decoder inputs. The
cumulative agreement for a path leading to one particular recreated encoder state is
called a path metric for that path. Incremental agreements are called branch metrics.
Encoder
Input
Encoder
Output
111
010
110
110
010
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com