Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45RM03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
¾ 4.5V~5.5V
400
¾
12000
kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾¾
0
¾
4000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
72
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
Note: *tSYS=1/fSYS
OP Amplifier Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
D.C. Electrical Characteristic
VDD
Operating Voltage
¾¾
3
¾
5.5
V
VOS
Input Offset Voltage
5V
By calibration
-5
¾
5mV
VCM
Common Mode Voltage Range
¾¾
VSS
¾
VDD
-1.4
V
PSRR
Power Supply Rejection Ratio
¾¾
60
¾¾
dB
CMRR
Common Mode Rejection Ratio
¾
VDD=5V
VCM=0~VDD
-1.4V
60
¾¾
dB
A.C. Electrical Characteristic
AOL
Open Loop Gain
¾¾
60
80
¾
dB
SR
Slew Rate+, Rate
-¾ No load
¾
1
¾
V/
ms
GBW
Gain Band Width
¾ RL=1MW, CL=100pF
¾¾
100
kHz
Comparator Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3
¾
5.5
V
VOS
Comparator Input Offset Voltage
5V
By calibration
-5
¾
5mV
VCM
Comparator Common Mode
Voltage Range
¾¾
0
¾
VDD
-1.4
V
tPD
Comparator Response Time
¾¾
¾
¾
2
ms
HT45RM03
Rev. 1.10
5
February 16, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com