Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
HT45RM03
Rev. 1.10
11
February 16, 2007
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (of course, if the stack is
not full). To return from the interrupt subroutine,
²RET² or
²RETI² may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
Comparator output Interrupt
1
04H
External INT0A, INT0B, INT0C
Interrupt
2
08H
External INT1 Interrupt
3
0CH
PWM Period Interrupt
4
10H
Timer/Event Counter 0 Overflow
5
14H
Timer/Event Counter 1 Overflow
6
18H
The Comparator interrupt request flag (CF), external in-
terrupt 1 request flag (EI1F), External Interrupt 0 request
flag (EI0F), Enable Comparator 0 output interrupt bit
(EC0I), Enable External interrupt 1 bit (EEI1), Enable
External Interrupt 0 bit (EEI0), and enable master inter-
rupt bit (EMI) make up of the Interrupt Control register 0
(INTC0) which is located at 0BH in the RAM.
The PWM period interrupt request flag (PWMF), the
Timer/Event Counter 1 interrupt request flag (T1F), the
Timer/Event Counter 0 interrupt request flag (T0F), en-
able PWM period interrupt bit (EPWMI), enable
Timer/Event Counter 1 interrupt bit (ET1I), and enable
Timer/Event Counter 0 interrupt bit (ET0I), constitute the
Interrupt Control register 1 (INTC1) which is located at
1EH in the RAM.
EMI, EEI0, EEI1, ECI, ET0I, ET1I, and EPWMI are all
used to control the enable/disable status of interrupts.
These bits prevent the requested interrupt from being
serviced. Once the interrupt request flags (EI0F, EI1F,
CF, T0F, T1F, PWMF) are all set, they remain in the
INTC1 or INTC0 respectively until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence will be damaged
once the
²CALL² operates in the interrupt subroutine.
Oscillator Configuration
There are two oscillator circuits in the microcontroller.
Both are designed for system clocks, namely the RC os-
cillator and the Crystal oscillator, which are determined
by options. No matter what oscillator type is selected,
the signal provides the system clock. The HALT mode
stops the system oscillator and ignores an external sig-
nal to conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required and the resistance must
range from 24k
W to 1MW. The system clock, divided by 4,
is available on OSC2 with pull-high resistor, which can be
used to synchronize external logic. The RC oscillator pro-
vides the most cost effective solution. However, the fre-
quency of oscillation may vary with VDD, temperatures
and the chip itself due to process variations. It is, there-
fore, not suitable for timing sensitive operations where an
accurate oscillator frequency is desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are required. Instead of a crystal, a resona-
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 2
f S Y S / 4
O S C 1
V D D
4 7 0 p F
System Oscillator
Bit No.
Label
Function
0
EPWMI
Control the PWM period interrupt (1=enabled; 0=disabled)
1
ET0I
Control the Timer/Event Counter 0 interrupt (1=enabled; 0=disabled)
2
ET1I
Control the Timer/Event Counter 1 interrupt (1=enabled; 0=disabled)
3, 7
¾
Unused bit, read as
²0².
4
PWMF
PWM period request flag (1=active; 0=inactive)
5
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
6
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
INTC1 (1EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com