Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
HT45RM03
Rev. 1.10
32
February 16, 2007
Options
No.
Options
1
OSC type selection.
This option is to decide if an RC or crystal oscillator is chosen as system clock.
2
WDT source selection.
There are three types of selection: on-chip RC oscillator, instruction clock or disable the WDT.
3
CLRWDT times selection.
This option defines how to clear the WDT by instruction.
²One time² means that the CLR WDT instruction can
clear the WDT.
²Two times² means only if both of the CLR WDT1 and CLR WDT2 instructions have been exe-
cuted, then WDT can be cleared.
4
Wake-up selection.
This option defines the wake-up function activity. External I/O pins (PA only) all have the capability to wake-up
the chip from a HALT.
5
Pull-high selection.
This option is to decide whether a pull-high resistance is visible or not in the input mode of the I/O ports.
PA0~PA7, PB0~PB7, can be independently selected.
6
PFD selection:
PD0: level output or PFD output
7
Low voltage reset selection: Enable or disable LVR function, and LVR voltage selection.
8
PWM mode selection: 10 (9+1), (8+2) or (7+3) mode
9
INT0A, INT0B, INT0C and INT1 trigger edge: disable; high to low; low to high or low to high or high to low.
10
PWM output level selection; PWMLEV.
This option is to determine the PWM output level. Active Low or Active High selection. Disable this bit to
²0², the
PWM output will be defined as an active high output, Enable this bit to
²1², the PWM output will be defined as an
active low output. If the PWM function disable, this bit is invalid.
11
PWM Complementary output level selection; PWMCLEV.
This option is to determine the PWM Complementary output level. Active low or active high selection. Disable
this bit to
²0², the PWM Complementary output will be defined as an active high output, Enable this bit to ²1²,
the PWM Complementary output will be defined as an active low output. If the PWM Complementary function
disable, this bit is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com