Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Application Circuits 2
HT45RM03
Rev. 1.10
34
February 16, 2007
H T 4 5 R M 0 3
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
P B 5 / A N 5
P B 4 / A N 4
P A 3 / C O U T
P A 2 / C V I N N
P A 1 / C V I N P
P A 0 / O P V I N P
P B 3 / A N 3 / O P V I N N
P B 2 / A N 2 / O P O U T
P B 1 / A N 1
P B 0 / A N 0
V S S
P C 0 / P W M 0
P C 1 / P W M 0
P C 2 / P W M 1
P B 6 / A N 6
P B 7 / A N 7 / T M R 0 / T M R 1
P A 4 / I N T 0 A
P A 5 / I N T 0 B
P A 6 / I N T 0 C
P A 7 / I N T 1
O S C 2
O S C 1
V D D
R E S
P D 0 / P F D
P C 5 / P W M 2
P C 4 / P W M 2
P C 3 / P W M 1
O v e r C u r r e n t
V D D
C u r r e n t A N
B A T V o l A N
S p e e d A N
B r a k e S i g n a l
S e n s o r _ C
S e n s o r _ B
S e n s o r _ A
R u n U p
V D D
P W M 0
P W M 0
P W M 1
P W M 2
P W M 2
P W M 1
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
V M
N C
V S S
V D D
A T L
A B L
B T L
B B L
C T L
C B L
N C
V S S
V D A T
A T
V S A T
A B
V D B T
B T
V S B T
B B
V D C T
C T
V S C T
C B
P W M 0 R 8
P W M 0 R 9
P W M 1 R 1 0
P W M 1 R 1 1
P W M 2 R 1 2
P W M 2 R 1 3
+
V M
+
+
D 1
D 2
D 3
C 4
C 6
C 8
H T 4 5 B 0 C
P h a s e A
P h a s e B
P h a s e C
P h a s e A
R 1 4
A T
A B
C N 1
U b a t
P h a s e B
R 1 8
B T
R 2 0
B B
C N 2
P h a s e C
R 2 4
C T
R 2 6
C B
C N 3
Q 1
Q 2
C 1 0
O v e r _ c u r r e n t
R 2 3
R 2 2
V S S
V D D
1
2
3
4
H 4
R 2 9
R 3 0
B r a k e S i g n a l
S p e e d A N
C 1 4
C 1 5
R 3 1
V S S
V D D
1
2
3
4
5
H 3
R 3 3
R 3 4
C 1 6 C 1 7
R 3 2
C 1 8
S e n s o r _ C
S e n s o r _ B
S e n s o r _ A
V D D
R 3 5
R 3 6
R 3 7
V S S
V D D
1
2
3
H 2
R 2 8
R u n U p
C 1 3
C 1 9
U b a t
C N 4
C N 5
C N 6
U b a t
V S S
C 2 1
+ 4 8 V
C 2 2
R 4 1
R 3 8
R 3 9
B A T V o l A N
C 2 7
V D D
7 8 L 0 5
2
L M 3 1 7
+ 1 5 V
+ 4 8 V
+ 4 8 V
R 1
R 2
R 3
R 5
R 4
C 1
V D D
C 3
R 6
R 7
C 2
V D D
V S S
A T
A B
B T
B B
C T
C B
C 9
C 7
C 5
R 1 6
R 1 5
R 1 7
C 1 1
C 1 2
R 2 7
R 2 5
R 1 9
R 2 1
C 2 0
R 4 0
R 4 2
C 2 3
R 4 3
R 4 4
V M
C 2 4
C 2 5
C 2 6
+ 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com