Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
HT45RM03
Rev. 1.10
30
February 16, 2007
Bit No.
Label
Function
0~3
AOF0~AOF3 Operational amplifier input offset voltage cancellation control bits
4
ARS
Operational amplifier input offset voltage cancellation reference selection bit
1/0: select OPP/OPN as the reference input
5
AOFM
Input offset voltage cancellation mode and operational amplifier mode selection
1/0: input offset voltage cancellation mode/operational amplifier mode
6
OPAOP
Operational amplifier output; positive logic. This bit is read only.
7
OPAEN
Operational amplifier enable/disable (1/0)
OPAC Register (Operational Amplifier Control Register)
OPAEN
PA0, PA3/AN3, PB2/AN2
0
PA0 is GPIO and PB2/AN2, PB3/AN3 is GPIO or analog ADC input by ADCR register.
1
PA0, PB3/AN3 is OPA input pin and PB2/AN2 is OPA output pin. The PB2/AN2 and PB3/AN3 can be ana-
log ADC input if the related ADC function is enabled.
Miscellaneous Register
There is one miscellaneous control registers for various functions. The Miscellaneous register is to enable/disable
Comparator, enable/disable OPA, enable/disable Comparator COUT pin, enable/disable stopping PWM by hardware.
Bit No.
Label
Function
0
PWMLEV
This bit is read only. It
¢s is the PWM output level option.
0: PWM output will be defined as an active high
1: PWM output will be defined as an active low
If the PWM function disable, this bit is invalid.
1
PWMCLEV
This bit is read only. It
¢s is the PWM output level option.
0: PWM output will be defined as an active high
1: PWM output will be defined as an active low
If the PWM function disable, this bit is invalid.
2
PWMSP0
Stopping the PWM and PWM using hardware selection
00: PWM module output can be stop by software control only
01: PWM module output can be stop by COUT falling edge
10: PWM module output can be stop by INT1 interrupt
11: PWM module output can be stop by COUT falling edge or by INT1 interrupt
3
PWMSP1
4
PWMCTRL To active/inactive PWM and PWM Complementary output (0=inactive; 1=active)
5
COUTEN
PA3/COUT selection
0: PA3/COUT is as a GPIO pin
1: PA3/COUT is Comparator output, and the status of COUT can be read by reading
the PA3 register.
6
COUTR
Comparator output flag. This bit is read only
0: Comparator output is low state
1: Comparator output is high state
7
¾
Unused bit, read as
²0²
MISC (1DH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com