Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
HT45RM03
Rev. 1.10
18
February 16, 2007
There is a PWM function shared with PC0~PC5. If the
PWM function is enabled, the PWM0~PWM2 and
PWM0~PWM2 signal will appear on PC0, PC2, PC4
and PC1, PC3, PC5 respectively (if PC0/PC1/PC2/PC3/
PC4/PC5 is operating in output mode).
Writing
²1² to PC0/PC2/PC4 data register will enable
the PWM0/PWM1/PWM2 output function and writing
²0² will force the PC0/PC2/PC4 to remain at ²0² (inac-
tive state). Writing
²1² to PC1/PC3/PC5 data register will
enable the PWM0/PWM1/PWM2 output function and
writing
²0² will force the PC1/PC3/PC5 to remain at ²0²
inactive state). The I/O functions of PC0~PC5 are as
shown.
PWMEN
PC7
PC6
PC4
PC2
PC0
0
X
X
Logical
Logical
Logical
1
0
0
Logical
Logical
PWM
1
0
1
Logical
PWM
Logical
1
1
0
PWM
Logical
Logical
1
1
1
PWM
PWM
PWM
PC0, PC2, PC4 Output Function
PWMCEN
PC7
PC6
PC5
PC3
PC1
0
X
X
Logical
Logical
Logical
1
0
0
Logical
Logical
PWM
1
0
1
Logical
PWM
Logical
1
1
0
PWM
Logical
Logical
1
1
1
PWM
PWM
PWM
PC1, PC3, PC5 Output Function
There is only one channel PWM and PWM output at a time. The PC.6 and PC.7 is to determine which PWM0/PWM0,
PWM1/PWM1 or PWM2/PWM2 appeared to the PC0/PC1, PC2/PC3 or PC4/PC5.
PC7, PC6
PWM (PWMEN=1)
PWM (PWMCEN=1)
0, 0
PC0/PWM0 is PWM output, if the PC0 is output
mode (PCC.0 =
²0²). The PC2 and PC4 are the
GPIO. Writing
²1² to PC0 data register will enable
the PWM0 output function and writing
²0² will force
the PC0 to remain at PWM0 output inactive state.
PC1/PWM0 is PWM output, if the PC1 is output
mode (PCC.1 =
²0²). The PC3 and PC5 are the
GPIO. Writing
²1² to PC1 data register will enable
the PWM0 output function and writing
²0² will force
the PC1 to remain at PWM0 output inactive state.
0, 1
PC2/PWM1 is PWM output, if the PC2 is output
mode (PCC.2 =
²0²). The PC0 and PC4 are the
GPIO. Writing
²1² to PC2 data register will enable
the PWM1 output function and writing
²0² will force
the PC2 to remain at PWM1 output inactive state.
PC3/PWM1 is PWM output, if the PC3 is output
mode (PCC.3 =
²0²). The PC1 and PC5 are the
GPIO. Writing
²1² to PC3 data register will enable
the PWM1 output function and writing
²0² will force
the PC3 to remain at PWM1 output inactive state.
1, 0
PC4/PWM2 is PWM output, if the PC4 is output
mode (PCC.4 =
²0²). The PC0 and PC2 are the
GPIO. Writing
²1² to PC4 data register will enable
the PWM2 output function and writing
²0² will force
the PC4 to remain at PWM2 output inactive state.
PC5/PWM2 is PWM output, if the PC5 is output
mode (PCC.5 =
²0²). The PC1 and PC3 are the
GPIO. Writing
²1² to PC5 data register will enable
the PWM2 output function and writing
²0² will force
the PC5 to remain at PWM2 output inactive state.
1, 1
PC0/PWM0, PC2/PWM1 and PC4/PWM2 are
PWM output, if the PC0, PC2 and PC4 are output
mode (PCC.0, 2, 4 =
²0²). Writing ²1² to
PC0/PC2/PC4 data register will enable the
PWM0/PWM1/PWM2 output function and writing
²0² will force the PC0/PC2/PC4 to remain at PWM
output inactive state.
PC1/PWM0, PC3/PWM1 and PC5/PWM2 are
PWM output, if the PC1, PC3 and PC5 are output
mode (PCC.1, 3, 5 =
²0²). Writing ²1² to
PC1/PC3/PC5 data register will enable the
PWM0/PWM1/PWM2 output function and writing
²0² will force the PC1/PC3/PC5 to remain at PWM
output inactive state.
Note:
If PWMEN=0, the PWM function output is disable and the PC0, PC2 and PC4 are the GPIO.
If PWMCEN=0, the PWM function output is disable and the PC1, PC3 and PC5 are the GPIO.
The PWMEN and PWMCEN are independent to enable or disable the PWM and PWM Complement function.
If the PCC.x is
²1², the PC.x is input mode. ²x² is from 0~5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com