Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
HT45RM03
Rev. 1.10
28
February 16, 2007
Polling_EOC:
sz
EOCB
; poll the ADCR register EOCB bit to detect end of A/D conversion
jmp
polling_EOC
; continue polling
mov
a,ADRH
; read conversion result high byte value from the ADRH register
mov
adrh_buffer,a
; save result to user defined memory
mov
a,ADRL
; read conversion result low byte value from the ADRL register
mov
adrl_buffer,a
; save result to user defined memory
:
:
jmp
start_conversion
; start next A/D conversion
t A D C
A / D c o n v e r s i o n t i m e
t A D C
A / D c o n v e r s i o n t i m e
t A D C
A / D c o n v e r s i o n t i m e
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
S T A R T
E O C B
P C R 2 ~
P C R 0
A C S 2 ~
A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
A / D c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 o r f S Y S / 3 2
t A D C S = 3 2 t A D
t A D C = 7 6 t A D
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D C S
1 0 0 B
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
0 0 0 B
1 . P B p o r t s e t u p a s I / O s
2 . A / D c o n v e r t e r i s p o w e r e d o f f
t o r e d u c e p o w e r c o n s u m p t i o n
1 0 1 B
0 0 1 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
d o n ' t c a r e
E n d o f A / D
c o n v e r s i o n
E n d o f A / D
c o n v e r s i o n
M i n i m u m o n e i n s t r u c t i o n c y c l e n e e d e d , M a x i m u m t e n i n s t r u c t i o n c y c l e s a l l o w e d
A / D s a m p l i n g t i m e
t A D C S
A / D s a m p l i n g t i m e
t A D C S
A/D Conversion Timing
Comparator
There is one Comparator in the device. The CMPEN bits
is used as the enable or disable bits, if the CMPEN is
cleared to
²0², the Comparator is disabled, the
PA1/CVINP, PA2/CVINN, PA3/COUT are all GPIO pins,
if the CMPEN is set to
²1², the Comparator is enabled,
the PA1/CVINP, PA2/CVINN are Comparator input pins,
PA3/COUT is a Comparator output pin.
The CVINP, CVINN and COUT are pin-shared with PA1,
PA2 and PA3. Once the Comparator function is used,
the internal registers related to PA1, PA2 cannot be
used, PA3 can be used as input only( if the COUTEN is
²1²), and the PA1, PA2 I/O function, PA3 output function
and pull-high resistor are disabled automatically(if the
COUTEN is
²1²). Once the Comparator function is used,
the PA3 is the GPIO when the COUTEN is
²0². Software
instructions determine the Comparator function to be
used.
C R S
0
0
1
1
C O F M
0
1
0
1
S 1
O N
O F F
O N
O N
S 2
O N
O N
O N
O F F
S 3
O F F
O N
O F F
O N
C M P O P
I n t e r r u p t
P A 1 / C V I N P
C O F 0 ~ C O F 3
C M P E N
S 1
S 2
S 3
P A 2 / C V I N N
P A 3 / C O U T
Comparator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com