Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
The bits 7~6 of the PWM control register (PWMC) can be used to define the PWM Complementary output dead time.
PWMDT1
PWMDT0
To Define the PWM Complementary Output Dead Time
0
0
Dead Time=fSYS/2
0
1
Dead Time=fSYS/4
1
0
Dead Time=fSYS/8
1
1
Dead Time=fSYS/16
PWMDT1
PWMDT0
fSYS=4MHz
fSYS=8MHz
fSYS=12MHz
Unit
0
0
0.50
0.25
0.17
ms
0
1
1.00
0.50
0.33
1
0
2.00
1.00
0.67
1
1
4.00
2.00
1.33
Dead Time Setting (fSYS is 4, 8, 12MHz)
PWM Options
There are two options to define the PWM and PWM Complementary output level. These two bits can be read by soft-
ware.
Options
Description
PWM output level selection;
PWMLEV.
This option is to determine the PWM output level. Active Low or Active High
selection. Disable this bit to
²0², the PWM output will be defined as an active
high output, Enable this bit to
²1², the PWM output will be defined as an ac-
tive low output. If the PWM function disable, this bit is invalid.
PWM Complementary output level
selection; PWMCLEV.
This option is to determine the PWM Complementary output level. Active low
or active high selection. Disable this bit to
²0², the PWM Complementary out-
put will be defined as an active high output, Enable this bit to
²1², the PWM
Complementary output will be defined as an active low output. If the PWM
Complementary function disable, this bit is invalid.
HT45RM03
Rev. 1.10
25
February 16, 2007
P W M
P W M P e r i o d I n t e r r u p t
P W M
P W M O u t p u t
P W M C T R L , P C 7 ,
P C 6 , P W M L E V
P W M C o m p l e m e n t a r y O u t p u t
P W M C T R L , P C 7 ,
P C 6 , P W M C L E V
P C 0 / P W M 0
P C 2 / P W M 1
P C 4 / P W M 2
P C 1 / P W M 0
P C 3 / P W M 1
P C 5 / P W M 2
P W M D e a d T i m e C o n t r o l
P W M H
P W M L
P W M E N
P W M C E N
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com