Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
HT45RM03
Rev. 1.10
15
February 16, 2007
T 0 M 1
T 0 M 0
T M R 0
T 0 E
T 0 M 1
T 0 M 0
T 0 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
8 - b i t T i m e r / E v e n t
C o u n t e r ( T M R 0 )
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
7 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 0 P S C 2 ~ T 0 P S C 0
P F D 0
Timer/Event Counter 0
T 1 M 1
T 1 M 0
T M R 1
T 1 E
T 1 M 1
T 1 M 0
T 1 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
8 - b i t T i m e r / E v e n t
C o u n t e r ( T M R 1 )
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
7 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 1 P S C 2 ~ T 1 P S C 0
P F D 1
Timer/Event Counter 1
Timer/Event Counter
Two timer/event counters (TMR0,TMR1) are imple-
mented in the microcontroller. The Timer/Event Counter
0 and Timer/Event Counter 1 contain 8-bit programmable
count-up counter and the clock may come from an exter-
nal source or an internal clock source.
There are four registers related to the Timer/Event
Counter 0; TMR0 (0DH), TMR0C (0EH), the
Timer/Event Counter 1; TMR1(10H), TMR1C (11H).
Writing TMR0/TMR1 makes the starting value be placed
in the Timer/Event Counter 0/1 preload register and
reading TMR0/1 get the contents of the Timer/Event
Counter 0/1. The TMR0C and TMR1C are Timer/Event
Counter control register 0/1, which defines the operating
mode, counting enable or disable and an active edge.
The T0M0/T1M0 and T0M1/T1M1 bits define the opera-
tion mode. The event count mode is used to count exter-
nal events, which means that the clock source is from an
external (TMR0, TMR1) pin. The timer mode functions
as a normal timer with the clock source coming from the
internal selected clock source. Finally, the pulse width
measurement mode can be used to count the high or
low level duration of the external signal (TMR0, TMR1),
and the counting is based on the internal selected clock
source.
In the event count or timer mode, the Timer/Event Counter
0/1 starts counting at the current contents in the
timer/event counter and ends at FFH. Once an overflow
occurs, the counter is reloaded from the timer/event coun-
ter preload register, and generates an interrupt request
flag (T0F; bit 5 of the INTC1, T1F; bit 6 of the INTC1).
In the pulse width measurement mode with the values of
the T0ON/T1ON and T0E/T1E bits equal to
²1², after the
TMR0/TMR1 has received a transient from low to high
(or high to low if the T0E/T1E bit is
²0²), it will start count-
ing until the TMR0/TMR1 returns to the original level and
resets the T0ON/T1ON.
The measured result remains in the timer/event counter
even if the activated transient occurs again. In other
words, only 1-cycle measurement can be made until the
T0ON/T1ON is set. The cycle measurement will
re-function as long as it receives further transient pulse.
In this operation mode, the timer/event counter begins
counting not according to the logic level but to the tran-
sient edges. In the case of counter overflows, the coun-
ter is reloaded from the timer/event counter register and
issues an interrupt request, as in the other two modes,
i.e., event and timer modes.
To enable the counting operation, the Timer ON bit
(T0ON; bit 4 of the TMR0C or T1ON; bit 4 of the
TMR1C) should be set to
²1². In the pulse width mea-
surement mode, the T0ON/T1ON is automatically
cleared after the measurement cycle is completed. But
in the other two modes, the T0ON/T1ON can only be re-
set by instructions.
The overflow of the Timer/Event Counter 0/1 is one of the
wake-up sources and the Timer/Event Counter 0/1 can
also be applied to a PFD (Programmable Frequency Di-
vider) output at PD0 by software control. Only one PFD
(PFD0 or PFD1) can be applied to PD0 by software. No
M
U
X
P F D S o u r c e O p t i o n
P F D 0
P F D 1
T
Q
P D 0 D a t a C T R L
P F D
PFD Source Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com