Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
HT45RM03
Rev. 1.10
14
February 16, 2007
An extra option load time delay is added during system reset (power-up, WDT time-out at normal mode or RES reset).
Program Counter
000H
Interrupt
Disable
WDT
Clear. After master reset, WDT begins counting
Timer/Event Counter
Off
Input/Output Ports
Input mode
Stack Pointer
Points to the top of the stack
The registers states are summarized in the following table.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
Program
Counter
000H
000H
000H
000H
000H
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR0
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
TMR1
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR1C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
0011 1111
0011 1111
0011 1111
0011 1111
uuuu uuuu
PCC
--11 1111
--11 1111
--11 1111
--11 1111
--uu uuuu
PD
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PDC
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PWMH
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWML
---- --00
---- --00
---- --00
---- --00
---- --uu
PWMC
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
MISC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
-000 -000
-000 -000
-000 -000
-000 -000
-uuu -uuu
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRL
x--- ----
x--- ----
x--- ----
x--- ----
u--- ----
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
---- --00
---- --00
---- --00
---- --00
---- --uu
CMPC
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPAC
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²*² stands for warm reset
²u² stands for unchanged
²x² stands for unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com