Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
HT45RM03
Rev. 1.10
19
February 16, 2007
It is recommended that unused or not bonded out I/O lines should be set as output pins by software instruction to avoid
consuming power under input floating state.
V D D
M
U
X
M
U
X
O P 0 ~ O P 7
I N T 0 A f o r P A 4 O n l y
I N T 0 B f o r P A 5 O n l y
I N T 0 C f o r P A 6 O n l y
I N T 1 f o r P A 7 O n l y
T M R 0 / T M R 1 f o r P B 7 O n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
P C 0 / P C 1 / P C 2 / P C 3 / P C 4 / P C 5 / P D 0
P W M 0 / P W M 0 / P W M 1 / P W M 1 / P W M 2 / P W M 2 / P F D
C o n t r o l B i t P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / O P V I N P
P A 1 / C V I N P
P A 2 / C V I N N
P A 3 / C O U T
P A 4 / I N T 0 A
P A 5 / I N T 0 B
P A 6 / I N T 0 C
P A 7 / I N T 1
P B 0 / A N 0 ~ P B 1 / A N 1
P B 2 / A N 2 / O P O U T
P B 3 / A N 3 / O P V I N N
P B 4 / A N 4 ~ P B 6 / A N 6
P B 7 / A N 7 / T M R 0 / T M R 1
P C 0 / P W M 0
P C 1 / P W M 0
P C 2 / P W M 1
P C 3 / P W M 1
P C 4 / P W M 2
P C 5 / P W M 2
P D 0 / P F D
D
Q
C K
S
Q
D
Q
C K
S
Q
Input/Output Ports
PWM
The microcontroller is provided with three channel PWM
and Complementary PWM output shared with
PC0~PC5, named PWM0~PWM2 and PWM0~PWM2,
with standard 10 bits output, (9+1), (8+2), or (7+3) mode
(configuration option determined). The PWM function
provides output with a varied frequency and duty cycle
by setting particular values into PWMC and PWML,
PWMH registers. The frequency source of the PWM
counter comes from fPWM. The fPWM clock source can be
chosen from fSYS~fSYS/8 (software option determined).
The PWM channel has their data registers denoted as
PWMH (1AH) and PWML (1BH). These two registers
define the PWM output duty cycle. The PWMH is an
8-bit register, and it is a higher-order data register, the
PWML is a lower-order register and two bits (bit1~bit0)
are provided in this register. The PWM duty cycle is
specified by writing to these two PWM data registers,
writing PWML will only put the written data to an internal
lower-order byte buffer (2-bit) and writing PWMH will
transfer the specified data and the contents of the
lower-order byte buffer to PWMH and PWML registers,
respectively. Once the PC0~PC5 is selected as the
PWM and Complementary PWM outputs and the output
function of PC0~PC5 is enabled (PCC.0 ~ PCC.5 =
²0²),
writing
²1² to PC0, PC2 and PC4 register will enable the
PWM output function and writing
²0² will force the PC0,
PC2 and PC4 stay at inactive state (
²0² if the PWMLEV
option is select active high). Writing
²1² to PC1, PC3 and
PC5 register will enable the Complementary PWM out-
put function and writing
²0² will force the PC1, PC3 and
PC5 stay at inactive state (
²0² if the PWMCLEV option is
select active high).
The PWM clock source can be chosen form fSYS~fSYS/8
(dependent on software option). When the fPWM clock
source is selected from fSYS~fSYS/8, the PWM function
provides with a fixed frequency output (fSYS/1024~
(fSYS/8192). The PWM output provides standard 10-bit,
(9+1), (8+2) and (7+3) output mode, it
¢s duty cycle is de-
cided by writing to the PWMH and PWML registers, the
waveform of PWM output is as shown.
When the PWM output function is enabled (writing
²1² to
PC0~PC5 register, when PWM and Complementary
PWM output function is enable) and the fPWM clock
source is selected from PWM prescaler, the value of
PWMPSC0~PWMPSC1, PWML and PWMH can be
written to at any time even if the PWM and Complemen-
tary PWM output is running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com