Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
mentary PWM output with dead time is shown below.
Bit No.
Label
Function
0
PWMEN
To enable/disable PWM output (0=disabled; 1=enabled)
1
PWMCEN
To enable/disable PWM Complementary output (0=disabled; 1=enabled)
2
DTEN
To enable/disable PWM Complementary output with dead time
(0=without dead time; 1=with dead time)
3
4
5
PWMPS0
PWMPS1
PWMPS2
These three bits select the PWM clock prescaler rate.
6
7
PWMDT0
PWMDT1
These two bits select the PWM Complementary output dead time
PWMC (1CH) Register
The bits 3~5 of the PWM control register (PWMC) can be used to define the pre-scaling stages of the PWM clock.
PWMPS2
PWMPS1
PWMPS0
To Define the Prescaler Stages
000
fPWM=fSYS
001
fPWM=fSYS/2
010
fPWM=fSYS/4
011
fPWM=fSYS/8
100
fPWM=fSYS/16
101
fPWM=fSYS/32
110
fPWM=fSYS/64
111
fPWM=fSYS/128
PWM period according different PWM prescaler rate bits and system clock.
PWMPS2
PWMPS1
PWMPS0
fSYS=4MHz
fSYS=8MHz
fSYS=12MHz
Unit
0
0
0
3.91
7.81
11.72
kHz
0
0
1
1.95
3.91
5.86
0
1
0
0.98
1.95
2.93
0
1
1
0.49
0.98
1.46
1
0
0
0.24
0.49
0.73
1
0
1
0.12
0.24
0.37
1
1
0
0.06
0.12
0.18
1
1
1
0.03
0.06
0.09
10-bit PWM Full Frequency (fSYS is 4, 8, 12MHz)
HT45RM03
Rev. 1.10
24
February 16, 2007
P C 0 , P C 2 o r P C 4
P C 1 , P C 3 o r P C 5
0 : P W M I n a c t i v e
1 : P W M A c t i v e
P W M 0 , P W M 1 o r P W M 2
P W M 0 , P W M 1 o r P W M 2
P W M D u t y
D T
D T
P W M P e r i o d
PWM and Complementary PWM Output With Dead Time (PWMLEV & PWMCLEV =
²0² & ²0²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com