Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Application Circuits
Application Circuits 1
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For reference only)
Crystal or Resonator
C1, C2
R1
8MHz Crystal
0pF
5.3k
W
8MHz Resonator
10pF
6.3k
W
4MHz Crystal
0pF
13k
W
4MHz Resonator
10pF
12k
W
3.58MHz Crystal
0pF
15k
W
3.58MHz Resonator
25pF
10k
W
2MHz Crystal
25pF
10k
W
2MHz Resonator
25pF
12k
W
1MHz Crystal
35pF
15k
W
480kHz Resonator
300pF, 100pF
9.1k
W
455kHz Resonator
300pF
10k
W
429kHz Resonator
300pF
10k
W
400kHz Resonator
300pF
10k
W
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage conditions occur.
Such a low voltage, as mentioned here, is one which is less than the lowest value of the MCU operating volt-
age. Note however that if the LVR is enabled then R1 can be removed.
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
HT45RM03
Rev. 1.10
33
February 16, 2007
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C 1
O S C 2
R 1
C 1
C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
O S C C i r c u i t
H T 4 5 R M 0 3
P B 0 / A N 0 ~ P B 1 / A N 1
P B 4 / A N 4 ~ P B 6 / A N 6
P C 0 ~ P C 5
P A 7 / I N T 1
P A 2 / C V I N N
P A 1 / C V I N P
P A 3 / C O U T
P B 7 / A N 7 / T M R 0 / T M R 1
P B 2 / A N 2 / O P O U T
P A 0 / O P I N P
P D 0 / P F D
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
S e e R i g h t S i d e
M O S F E T
&
D r i v e r
B L D C
P A 4 / I N T 0 A
P A 5 / I N T 0 B
P A 6 / I N T 0 C
P B 3 / A N 3 / O P I N N
H A L L S e n s o r I n p u t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com