Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45RM03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Pad Description
Pad Name
I/O
Option
Description
PA0/OPVINP
PA1/CVINP
PA2/CVINN
PA3/COUT
PA4/INT0A
PA5/INT0B
PA6/INT0C
PA7/INT1
I/O
Wake-up
Pull-high
Bidirectional 8-bit input/output port. Each bit can be configured as
wake-up input by ROM code option. Software instructions determine
the CMOS output or Schmitt trigger input with or without pull-high resis-
tor (determined by pull-high options: bit option). The INT0A, INT0B,
INT0C and INT1 are pin-shared with PA4~PA7.
The CVINP, CVINN and COUT are pin-shared with PA1, PA2 and PA3.
Once the Comparator function is used, the internal registers related to
PA1, PA2 cannot be used, PA3 can be used as input only, and the PA1,
PA2 I/O function and pull-high resistor are disabled automatically. Soft-
ware instructions determine the Comparator function to be used.
The OPVINP is pin-shared with PA0.
PB0/AN0
PB1/AN1
PB2/AN2/OPOUT
PB3/AN3/OPVINN
PB4/AN4~PB6/AN6
PB7/AN7/TMR0/TMR1
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor
(determined by pull-high option: bit option) or A/D input. Once a PB line
is selected as an A/D input (by using software control), the I/O function
and pull-high resistor are disabled automatically.
The OPVINP, OPVINN and OPOUT are pin-shared with PA0, PB3/AN3
and PB2/AN2 respectively. Once the OPA function is used, the internal
registers related to PA0, PB3 and PB2 cannot be used, and the I/O
function and pull-high resistor are disabled automatically. Software in-
structions determine the OPA function to be used.
PC0/PWM0
PC1/PWM0
PC2/PWM1
PC3/PWM1
PC4/PWM2
PC5/PWM2
I/O
Pull-high
Bidirectional 6-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor
(determined by pull-high option: byte option). The PWM0~PWM2 and
PWM0~PWM2 output function are pin-shared with PC0, PC2, PC4 and
PC1, PC3, PC5 respectively by software control.
PD0/PFD
I/O
Pull-high
PFD
Bidirectional 1-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor
(determined by pull-high option: bit option). The PFD output function is
pin-shared with PD0.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a Crystal (determined
by options) for the internal system clock. In the case of RC operation,
OSC2 is the output terminal for 1/4 system clock.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT45RM03
Rev. 1.10
3
February 16, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com