Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
HT45RM03
Rev. 1.10
17
February 16, 2007
Input/Output Ports
There are 23 bidirectional input/output lines in the
microcontroller, labeled as PA, PB, PC and PD, which
are mapped to the data memory of [12H], [14H], [16H]
and [18H] respectively. All of these I/O ports can be
used for input and output operations. For input opera-
tion, these ports are non-latching, that is, the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
² (m=12H, 14H, 16H or 18H). For output operation,
all the data is latched and remains unchanged until the
output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC, PDC) to control the input/output configuration.
With this control register, CMOS output or schmitt trig-
ger input with or without pull-high resistor structures can
be reconfigured dynamically (i.e. on-the-fly) under soft-
ware control. To function as an input, the corresponding
latch of the control register must write
²1². The input
source also depends on the control register. If the con-
trol register bit is
²1², the input will read the pad state. If
the control register bit is
²0², the contents of the latches
will move to the internal bus. The latter is possible in the
²read-modify-write² instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, 17H and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (dependent on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H or 18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. The highest 7-bit of port D are not physically im-
plemented; on reading them a
²0² is returned whereas
writing then results in a no-operation. See Application
note.
Each I/O port has a pull-high option. Once the pull-high
option is selected, the I/O port has a pull-high resistor,
otherwise, there
¢s none. Take note that a non-pull-high
I/O port operating in input mode will cause a floating
state.
The PD0 is pin-shared with the PFD signal. If the PFD
function is selected, the output signal in output mode of
PD0 will be the PFD signal generated by the timer/event
counter overflow signal. The input mode is always re-
maining its original functions. Once the PFD option is
selected, the PFD output signal is controlled by PD0
data register only. Writing
²1² to PD0 data register will
enable the PFD output function and writing
²0² will force
the PD0 to remain at
²0². The I/O functions of PD0 are
shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PD0
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note:
The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The PA4, PA5, PA6, PA7 and PB7 are pin-shared with
INT0A, INT0B, INT0C, INT1 and TMR0/TMR1 pins re-
spectively. The CVINN and COUT are pin-shared with
PA1, PA2 and PA3. Once the Comparator function is
used, the internal registers related to PA1, PA2 cannot
be used, PA3 can be used as input only (if the COUTEN
is
²1²), and the PA1, PA2 I/O function, PA3 output func-
tion and pull-high resistor are disabled automatically(if
the COUTEN is
²1²). Once the Comparator function is
used, the PA3 is the GPIO when the COUTEN is
²0².
Software instructions determine the Comparator func-
tion to be used.
CMPEN COUTEN
PA1, PA2, PA3
0
X
PA1, PA2, PA3 is GPIO
10
PA1, PA2 is Comparator input pin
and PA3 is GPIO. PA3 falling
edge can generate the
Comparator interrupt.
11
PA1, PA2 is comparator input pin
and PA3 is Comparator output
pin. PA3 can read the
Comparateor output status.
The OPVINP, OPVINN and OPOUT are pin-shared with
PA0, PB3/AN3 and PB2/AN2 respectively. Once the
OPA function is used, the internal registers related to
PA0, PB3 and PB2 cannot be used, and the I/O function
and pull-high resistor are disabled automatically. Soft-
ware instructions determine the OPA function to be
used.
OPAEN
PA0, PB3/AN3, PB2/AN2
0
PA0 is GPIO and PB2/AN2, PB3/AN3 is
GPIO or analog ADC input by ADCR regis-
ter.
1
PA0, PB3/AN3 is OPA input pin and
PB2/AN2 is OPA output pin. The PB2/AN2
and PB3/AN3 can be analog ADC input if
the related ADC function is enabled.
The PB can also be used as A/D converter inputs. The
A/D function will be described later. Once a PB line is se-
lected as an A/D input (by using software control), the
I/O function and pull-high resistor are disabled automati-
cally.
The PWM0~PWM2 and PWM0~PWM2 output function
are pin-shared with PC0, PC2, PC4 and PC1, PC3, PC5
respectively by software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com