Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45RM03 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT45RM03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
HT45RM03
Brushless DC Motor Type 8-Bit OTP MCU
Rev. 1.10
1
February 16, 2007
General Description
The HT45RM03 is 8-bit, high performance, RISC archi-
tecture microcontroller devices specifically designed for
A/D applications that interface directly to analog signals,
such as those from sensors.
The advantages of low power consumption, I/O flexibil-
ity, programmable frequency divider, timer functions,
oscillator options, multi-channel A/D Converter, Pulse
Width Modulation function, HALT and wake-up func-
tions, enhance the versatility of these devices to suit a
wide range of A/D application possibilities such as sen-
sor signal processing, motor driving, industrial control,
consumer products, subsystem controllers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
fSYS=12MHz: 4.5V~5.5V
· 23 bidirectional I/O lines (max.)
· 4 interrupt input shared with 4 I/O line
· Two 8-bit programmable timer/event counter with
overflow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· 4096´15 program memory
· 192´8 data memory RAM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· 8-level subroutine nesting
· 8 channels 9-bit resolution A/D converter
· 3-channel 10-bit PWM with complementary output
shared with six I/O lines
· Bit manipulation instruction
· 15-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· One operational Amplifier
· One Comparator with interrupt function
· 28-pin SKDIP/SOP packages
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT45RM03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
A/D Type 8-Bit OTP MCU
May 24, 2005
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
March 12, 2015
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45RM03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
8-Bit Remote Type OTP MCU
May 12, 2003
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
8-Bit USB Type OTP MCU
February 10, 2003
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT45FM03B HOLTEK-HT45FM03B Datasheet
559Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
December 16, 2009
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
Remote Type 8-Bit OTP MCU
HT45FM2C HOLTEK-HT45FM2C Datasheet
5Mb / 171P
Brushless DC Motor Flash Type 8-Bit MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
Remote Type 8-Bit OTP MCU
HT66FM5230 HOLTEK-HT66FM5230 Datasheet
5Mb / 176P
Brushless DC Motor Flash Type 8-Bit MCU
May 13, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com