Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 19Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 20Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 21Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 22Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 23Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 24Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 25Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 26Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Direct Slave Interface, System Bus, Ethernet, and Interrupt Signals
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
1-13
IRQ5
DP5
DACK4
EXT_BG3
Input
Input/ Output
Output
Output
Interrupt Request 5
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 5
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
5 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 5 and
D[40–47].
DMA Acknowledge 4
The DMA controller drives this output to acknowledge the DMA transaction on the bus.
External Bus Grant 32
The MSC8122 asserts this pin to grant bus ownership to an external bus.
IRQ6
DP6
DREQ3
Input
Input/ Output
Input
Interrupt Request 6
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 6
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
6 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 6 and
D[48–55].
DMA Request 3
Used by an external peripheral to request DMA service.
IRQ7
DP7
DREQ4
Input
Input/ Output
Input
Interrupt Request 7
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 7
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
7 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 7 and
D[56–63].
DMA Request 4
Used by an external peripheral to request DMA service.
TA
Input/ Output Transfer Acknowledge
Indicates that a data beat is valid on the data bus. For single-beat transfers, TA assertion indicates the
termination of the transfer. For burst transfers, TA is asserted eight times to indicate the transfer of eight
data beats, with the last assertion indicating the termination of the burst transfer.
TEA
Input/ Output Transfer Error Acknowledge
Indicates a failure of the data tenure transaction.The masters within the MSC8122 monitor the state of this
pin. The MSC8122 internal bus monitor can assert this pin if it identifies a bus transfer that does not
complete.
NMI
Input
Non-Maskable Interrupt
When an external device asserts this line, it generates an non-maskable interrupt in the MSC8122, which
is processed internally (default) or is directed to an external host for processing (see NMI_OUT).
NMI_OUT
Output
Non-Maskable Interrupt Output
An open-drain pin driven from the MSC8122 internal interrupt controller. Assertion of this output indicates
that a non-maskable interrupt is pending in the MSC8122 internal interrupt controller, waiting to be
handled by an external host.
PSDVAL
Input/ Output Port Size Data Valid
Indicates that a data beat is valid on the data bus. The difference between the TA pin and the PSDVAL pin
is that the TA pin is asserted to indicate data transfer terminations, while the PSDVAL signal is asserted
with each data beat movement. When TA is asserted, PSDVAL is always asserted. However, when
PSDVAL is asserted, TA is not necessarily asserted. For example, if the DMA controller initiates a double
word (2
× 64 bits) transaction to a memory device with a 32-bit port size, PSDVAL is asserted three times
without TA and, finally, both pins are asserted to terminate the transfer.
Table 1-5.
DSI, System Bus, Ethernet, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com