Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 52Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 53Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 54Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 55Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 56Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 57Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 58Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 59Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
MSC8122 Technical Data, Rev. 13
2-22
Freescale Semiconductor
Specifications
2.5.9
Timer Timing
2.5.10 Ethernet Timing
2.5.10.1 Management Interface Timing
Table 2-22.
Timer Timing
No.
Characteristics
Ref = CLKIN
Unit
Min
Max
500
TIMERx frequency
10.0
—
ns
501
TIMERx Input high period
4.0
—
ns
502
TIMERx Output low period
4.0
—
ns
503
TIMERx Propagations delay from its clock input
•1.1 V core
•1.2 V core
3.1
2.8
9.5
8.1
ns
ns
Figure 2-16.
Timer Timing
Table 2-23.
Ethernet Controller Management Interface Timing
No.
Characteristics
Min
Max
Unit
801
ETHMDIO to ETHMDC rising edge set-up time
10
—
ns
802
ETHMDC rising edge to ETHMDIO hold time
10
—
ns
Figure 2-17.
MDIO Timing Relationship to MDC
500
502
501
TIMERx (Input)
TIMERx (Output)
503
Valid
ETHMDC
ETHMDIO
802
801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com