Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 59Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 60Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 61Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 63Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 64Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 65Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 66Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
3-1
Packaging
3
This section provides information on the MSC8122 package, including diagrams of the package pinouts and tables
showing how the signals discussed in Chapter 1 are allocated. The MSC8122 is available in a 431-pin flip chip-
plastic ball grid array (FC-PBGA).
3.1 Package Description
Figure 3-1 and Figure 3-2 show top and bottom views of the package, including pinouts. To conform to JEDEC
requirements, the package is based on a 23
× 23 position (20 × 20 mm) layout with the outside perimeter
depopulated. Therefore, ball position numbering starts with B2. Signal names shown in the figures are typically the
signal assigned after reset. Signals that are only used during power-on reset (SWTE, DSISYNC, DSI64, MODCK[1–2],
CNFGS
, and CHIP_ID[0–3]) are not shown in these figures if there is another signal assigned to the pin after reset.
Also, there are several signals that are designated as IRQ lines immediately after reset, but represent duplicate IRQ
lines that should be reconfigured by the user. To represent these signals uniquely in the figures, the second
functions (BADDR[29–31], DP[1–7], and INT_OUT) are used.
Table 3-1 lists the MSC8122 signals alphabetically by signal name. Connections with multiple names are listed
individually by each name. Signals with programmable polarity are shown both as signals which are asserted low
(default) and high (that is, NAME/NAME). Table 3-2 lists the signals numerically by pin number. Each pin number is
listed once with the various signals that are multiplexed to it. For simplicity, signals with programmable polarity
are shown in this table only with their default name (asserted low).
Note:
For Ethernet signals multiplexed with the DSI/system Bus (MII and RMII modes only), signals not used by
the RMII mode are reserved when the Ethernet controller is multiplexed with the DSI/system bus and
RMII mode is selected. These reserved signals can be left unconnected. These RMII reserved signals are
not included in Table 3-1, but are indicated in Table 3-2.
Note:
For Ethernet signals multiplexed with the GPIO/TDM signals, signals not used by the RMII or SMII mode
can be assigned to their alternate GPIO or dedicated function, except for GPIO10 and GPIO14. If the
Ethernet controller is enabled and multiplexed with the GPIO signals and SMII mode is selected, GPIO10
and GPIO14 (E21 and F21, respectively) must be left unconnected. These signals are designated as NC (no
connect) in Table 3-1 and Table 3-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com