Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 34Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 40Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 41Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
MSC8122 Technical Data, Rev. 13
2-4
Freescale Semiconductor
Specifications
2.5 AC Timings
The following sections include illustrations and tables of clock diagrams, signals, and parallel I/O outputs and
inputs. When systems such as DSP farms are developed using the DSI, use a device loading of 4 pF per pin. AC
timings are based on a 20 pF load, except where noted otherwise, and a 50
Ω transmission line. For loads smaller
than 20 pF, subtract 0.06 ns per pF down to 10 pF load. For loads larger than 20 pF, add 0.06 ns for
SIU/Ethernet/DSI delay and 0.07 ns for GPIO/TDM/timer delay. When calculating overall loading, also consider
additional RC delay.
Table 2-4.
DC Electrical Characteristics
Characteristic
Symbol
Min
Typical
Max
Unit
Input high voltage1, all inputs except CLKIN
VIH
2.0
—
3.465
V
Input low voltage1
VIL
GND
0
0.4
V
CLKIN input high voltage
VIHC
2.4
3.0
3.465
V
CLKIN input low voltage
VILC
GND
0
0.4
V
Input leakage current, VIN = VDDH
IIN
–1.0
0.09
1
µA
Tri-state (high impedance off state) leakage current, VIN = VDDH
IOZ
–1.0
0.09
1
µA
Signal low input current, VIL = 0.4 V
2
IL
–1.0
0.09
1
µA
Signal high input current, VIH = 2.0 V
2
IH
–1.0
0.09
1
µA
Output high voltage, IOH = –2 mA,
except open drain pins
VOH
2.0
3.0
—
V
Output low voltage, IOL= 3.2 mA
VOL
—
0
0.4
V
Internal supply current:
•
Wait mode
•
Stop mode
IDDW
IDDS
—
—
3753
2903
—
—
mA
mA
Typical power 400 MHz at 1.2 V4
P
—
1.15
—
W
Notes:
1.
See Figure 2-1 for undershoot and overshoot voltages.
2.
Not tested. Guaranteed by design.
3.
Measured for 1.2 V core at 25°C junction temperature.
4.
The typical power values were measured using an EFR code with the device running at a junction temperature of 25°C. No
peripherals were enabled and the ICache was not enabled. The source code was optimized to use all the ALUs and AGUs and
all four cores. It was created using CodeWarrior® 2.5. These values are provided as examples only. Power consumption is
application dependent and varies widely. To assure proper board design with regard to thermal dissipation and maintaining
proper operating temperatures, evaluate power consumption for your application and use the design guidelines in Chapter 4 of
this document and in MSC8102, MSC8122, and MSC8126 Thermal Management Design Guidelines (AN2601).
Figure 2-1.
Overshoot/Undershoot Voltage for VIH and VIL
GND
GND – 0.3 V
GND – 0.7 V
VIL
VIH
Must not exceed 10% of clock period
VDDH + 17%
VDDH + 8%
VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com