Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 20Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 21Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 22Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 23Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 24Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 25Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 26Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 27Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
MSC8122 Technical Data, Rev. 13
1-14
Freescale Semiconductor
Signals/Connections
1.5 Memory Controller Signals
Refer to the Memory Controller chapter in the MSC8122 Reference Manual for details on configuring these
signals.
IRQ7
INT_OUT
Input
Output
Interrupt Request 7
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Interrupt Output
Assertion of this output indicates that an unmasked interrupt is pending in the MSC8122 internal interrupt
controller.
Notes:
1.
See the System Interface Unit (SIU) chapter in the MSC8122 Reference Manual for details on how to configure these pins.
2.
When used as the bus control arbiter, the MSC8122 can support up to three external bus masters. Each master uses its own
set of Bus Request, Bus Grant, and Data Bus Grant signals (BR/BG/DBG, EXT_BR2/EXT_BG2/EXT_DBG2, and
EXT_BR3/EXT_BG3/EXT_DBG3). Each of these signal sets must be configured to indicate whether the external master is or
is not a MSC8122 master device. See the Bus Configuration Register (BCR) description in the System Interface Unit (SIU)
chapter in the MSC8122 Reference Manual for details on how to configure these pins. The second and third set of pins is
defined by EXT_xxx to indicate that they can only be used with external master devices. The first set of pins (BR/BG/DBG)
have a dual function. When the MSC8122 is not the bus arbiter, it uses these signals (BR/BG/DBG) to obtain master control of
the bus.
Table 1-6.
Memory Controller Signals
Signal Name
Type
Description
BCTL0
Output
System Bus Buffer Control 0
Controls buffers on the data bus. Usually used with BCTL1. The exact function of this pin is defined by the
value of SIUMCR[BCTLC].
BCTL1
CS5
Output
Output
System Bus Buffer Control 1
Controls buffers on the data bus. Usually used with BCTL0. The exact function of this pin is defined by the
value of SIUMCR[BCTLC].
System and Local Bus Chip Select 5
Enables specific memory devices or peripherals connected to MSC8122 buses.
BM[0–2]
TC[0–2]
BNKSEL[0–2]
Input
Input/ Output
Output
Boot Mode 0–2
Defines the boot mode of the MSC8122. This signal is sampled on PORESET deassertion.
Transfer Code 0–2
The bus master drives these pins during the address tenure to specify the type of the code.
Bank Select 0–2
Selects the SDRAM bank when the MSC8122 is in 60x-compatible bus mode.
ALE
Output
Address Latch Enable
Controls the external address latch used in an external master bus.
PWE[0–3]
PSDDQM[0–3]
PBS[0–3]
Output
Output
Output
System Bus Write Enable
Outputs of the bus general-purpose chip-select machine (GPCM). These pins select byte lanes for write
operations.
System Bus SDRAM DQM
From the SDRAM control machine. These pins select specific byte lanes of SDRAM devices.
System Bus UPM Byte Select
From the UPM in the memory controller, these signals select specific byte lanes during memory
operations. The timing of these pins is programmed in the UPM. The actual driven value depends on the
address and size of the transaction and the port size of the accessed device.
Table 1-5.
DSI, System Bus, Ethernet, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com