Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 33Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 34Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 40Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
Thermal Characteristics
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
2-3
2.3 Thermal Characteristics
Table 2-3 describes thermal characteristics of the MSC8122 for the FC-PBGA packages.
Section 4.5, Thermal Considerations provides a detailed explanation of these characteristics.
2.4 DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC8122. The measurements in Table 2-4 assume
the following system conditions:
•TA = 25 °C
•
VDD =
— 300/400 MHz 1.1 V nominal = 1.07–1.13 VDC
— 400 MHz 1.2 V nominal = 1.14–1.26 VDC
— 500 MHz 1.2 V nominal = 1.16–1.24 VDC
•
VDDH = 3.3 V ± 5% VDC
•
GND
= 0 VDC
Note:
The leakage current is measured for nominal VDDH and VDD.
Table 2-3.
Thermal Characteristics for the MSC8122
Characteristic
Symbol
FC-PBGA
20
× 20 mm5
Unit
Natural
Convection
200 ft/min
(1 m/s) airflow
Junction-to-ambient1, 2
RθJA
26
21
°C/W
Junction-to-ambient, four-layer board1, 3
RθJA
19
15
°C/W
Junction-to-board (bottom)4
RθJB
9
°C/W
Junction-to-case5
RθJC
0.9
°C/W
Junction-to-package-top6
ΨJT
1
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD 51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com