Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 54Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 55Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 56Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 57Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 58Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 59Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 60Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 61Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
MSC8122 Technical Data, Rev. 13
2-24
Freescale Semiconductor
Specifications
2.5.10.4 SMII Mode
2.5.11 GPIO Timing
Table 2-26.
SMII Mode Signal Timing
No.
Characteristics
Min
Max
Unit
808
ETHSYNC_IN, ETHRXD to ETHCLOCK rising edge set-up time
1.0
—
ns
809
ETHCLOCK rising edge to ETHSYNC_IN, ETHRXD hold time
1.0
—
ns
810
ETHCLOCK rising edge to ETHSYNC, ETHTXD output delay
•
1.1 V core.
•
1.2 V core.
1.51
1.51
6.02
5.02
ns
ns
Notes:
1.
Measured using a 5 pF load.
2.
Measured using a 15 pF load.
Figure 2-20.
SMII Mode Signal Timing
Table 2-27.
GPIO Timing
No.
Characteristics
Ref = CLKIN
Ref = CLKOUT
(1.2 V only)
Unit
Min
Max
Min
Max
601
REFCLK edge to GPIO out valid (GPIO out delay time)
—
6.1
—
6.9
ns
602
REFCLK edge to GPIO out not valid (GPIO out hold time)
1.1
—
1.3
—
ns
603
REFCLK edge to high impedance on GPIO out
—
5.4
—
6.2
ns
604
GPIO in valid to REFCLK edge (GPIO in set-up time)
3.5
—
3.7
—
ns
605
REFCLK edge to GPIO in not valid (GPIO in hold time)
0.5
—
0.5
—
ns
Valid
ETHCLOCK
ETHSYNC_IN
ETHRXD
ETHSYNC
ETHTXD
Valid
Valid
810
809
808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com