Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 4Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 5Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 6Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 7Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 8Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 9Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 10Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 11Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
MSC8122 Technical Data, Rev. 13
viii
Freescale Semiconductor
Features
Multi-Core Support
• One instance of kernel code in all four SC140 cores.
• Dynamic and static memory allocation from local memory (M1) and shared memory (M2).
Distributed System
Support
Enables transparent inter-task communications between tasks running inside the SC140 cores and the other tasks
running in on-board devices or remote network devices:
• Messaging mechanism between tasks using mailboxes and semaphores.
• Networking support; data transfer between tasks running inside and outside the device using networking
protocols.
• Includes integrated device drivers for such peripherals as TDM, UART, and external buses.
Software Support
• Task debugging utilities integrated with compilers and vendors.
• Board support package (BSP) for the application development system (ADS).
• Integrated development environment (IDE):
—
C/C++ compiler with in-line assembly so developers can generate highly optimized DSP code. Translates
C/C++ code into parallel fetch sets and maintains high code density.
—
Librarian. User can create libraries for modularity.
—
A collection of C/C++ functions for developer use.
—
Highly efficient linker to produce executables from object code.
—
Seamlessly integrated real-time, non-intrusive multi-mode debugger for debugging highly optimized DSP
algorithms. The developer can choose to debug in source code, assembly code, or mixed mode.
—
Device simulation models enable design and simulation before hardware availability.
—
Profiler using a patented binary code instrumentation (BCI) technique helps developers identify program
design inefficiencies.
—
Version control. Metrowerks® CodeWarrior® includes plug-ins for ClearCase, Visual SourceSafe, and
CVS.
Boot Options
• External memory.
• External host.
•UART.
•TDM.
•I2C
MSC8122ADS
• Host debug through single JTAG connector supports both processors.
• MSC8103 as the MSC8122 host with both devices on the board. The MSC8103 system bus connects to the
MSC8122 DSI.
• Flash memory for stand-alone applications.
• Communications ports:
— 10/100Base-T.
— 155 Mbit ATM over Optical.
— T1/E1 TDM interface.
— H.110.
— Voice codec.
— RS-232.
— High-density (MICTOR) logic analyzer connectors to monitor MSC8122 signals
— 6U CompactPCI form factor.
• Emulates MSC8122 DSP farm by connecting to three other ADS boards.
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com