Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 11Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 12Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 13Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 14Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 15Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 16Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 17Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 18Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
Direct Slave Interface, System Bus, Ethernet, and Interrupt Signals
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
1-5
HD[32–39]
D[32–39]
Reserved
Input/ Output
Input/ Output
Input
Host Data Bus 32–39
Bits 32–39 of the DSI data bus.
System Bus Data 32–39
For write transactions, the bus master drives valid data on this bus. For read transactions, the slave drives
valid data on this bus.
If the Ethernet port is enabled and multiplexed with the DSI/System bus, these pins are reserved and can
be left unconnected.
HD40
D40
ETHRXD0
Input/ Output
Input/ Output
Input
Host Data Bus 40
Bit 40 of the DSI data bus.
System Bus Data 40
For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives
valid data on this bus.
Ethernet Receive Data 0
In MII and RMII modes, bit 0 of the Ethernet receive data.
HD41
D41
ETHRXD1
Input/ Output
Input/ Output
Input
Host Data Bus 41
Bit 41 of the DSI data bus.
System Bus Data 41
For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives
valid data on this bus.
Ethernet Receive Data 1
In MII and RMII modes, bit 1 of the Ethernet receive data.
HD42
D42
ETHRXD2
Reserved
Input/ Output
Input/ Output
Input
Input
Host Data Bus 42
Bit 42 of the DSI data bus.
System Bus Data 42
For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives
valid data on this bus.
Ethernet Receive Data 2
In MII mode only, bit 2 of the Ethernet receive data.
In RMII mode, this pin is reserved and can be left unconnected.
HD43
D43
ETHRXD3
Reserved
Input/ Output
Input/ Output
Input
Input
Host Data Bus 43
Bit 43 of the DSI data bus.
System Bus Data 43
For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives
valid data on this bus.
Ethernet Receive Data 3
In MII mode only, bit 3 of the Ethernet receive data.
In RMII mode, this pin is reserved and can be left unconnected.
HD[44–45]
D[44–56]
Reserved
Input/ Output
Input/ Output
Input
Host Data Bus 44–45
Bits 44–45 of the DSI data bus.
System Bus Data 44–45
For write transactions, the bus master drives valid data on this bus. For read transactions, the slave drives
valid data on this bus.
If the Ethernet port is enabled and multiplexed with the DSI/System bus, these pins are reserved and can
be left unconnected.
Table 1-5.
DSI, System Bus, Ethernet, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com