Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 2Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 3Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 4Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 5Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 6Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 7Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 8Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 9Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
MSC8122 Technical Data, Rev. 13
vi
Freescale Semiconductor
Features
Ethernet Controller
• Designed to comply with IEEE® Std 802® including Std. 802.3™, 802.3u™, 802.3x™, and 802.3ac™.
• Three Ethernet physical interfaces:
— 10/100 Mbps MII.
— 10/100 Mbps RMII.
— 10/100 Mbps SMII.
• Full and half-duplex support.
• Full-duplex flow control (automatic PAUSE frame generation or software programmed PAUSE frame generation
and recognition).
• Out-of-sequence transmit queue for initiating flow-control.
• Programmable maximum frame length supports jumbo frames (up to 9.6k) and virtual local area network (VLAN)
tags and priority.
• Retransmission from transmit FIFO following a collision.
• CRC generation and verification of inbound/outbound packets.
• Address recognition:
— Each exact match can be programmed to be accepted or rejected.
— Broadcast address (accept/reject).
— Exact match 48-bit individual (unicast) address.
— Hash (256-bit hash) check of individual (unicast) addresses.
— Hash (256-bit hash) check of group (multicast) addresses.
— Promiscuous mode.
• Pattern matching:
— Up to 16 unique 4-byte patterns.
— Pattern match on bit-basis.
— Matching range up to 256 bytes deep into the frame.
— Offsets to a maximum of 252 bytes.
— Programmable pattern size in 4-byte increments up to 64 bytes.
— Accept or reject frames if a match is detected.
— Up to eight unicast addresses for exact matches.
— Pattern matching accepts/rejects IP addresses.
• Filing of receive frames based on pattern match; prioritization of frames.
• Insertion with expansion or replacement for transmit frames; VLAN tag insertion.
• RMON statistics.
• Master DMA on the local bus for fetching descriptors and accessing the buffers.
• Ethernet PHY can be exposed either on GPIO pins or on the high most significant bits of the DSI/system when
the DSI and the system bus are both 32 bits.
• MPC8260 8-byte width buffer descriptor mode as well as 32 byte width buffer descriptor mode.
• MII Bridge (MIIGSK):
— Programmable selection of the 50 MHz RMII reference clock source (external or internal).
— Independent 2 bit wide transmit and receive data paths.
— Six operating modes.
— Four general-purpose control signals.
— Programmable transmitted inter-frame bits to support inter-frame gap for frames in the SMII domain.
• SMII features:
— Multiplexed only with GPIO signals
— Convey complete MII information between the PHY and MAC.
— Allow direct MAC-to-MAC communication in SMII mode.
— Can generate an interrupt request line while receiving inter-frame segments.
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com