Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 15Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 16Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 17Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 18Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 19Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 20Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 21Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 22Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
Direct Slave Interface, System Bus, Ethernet, and Interrupt Signals
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
1-9
HWBS[4–7]
HDBS[4–7]
HWBE[4–7]
HDBE[4–7]
PWE[4–7]
PSDDQM[4–7]
PBS[4–7]
Input
Input
Input
Input
Output
Output
Output
Host Write Byte Strobes (In Asynchronous dual mode)
One bit per byte is used as a strobe for host write accesses.
Host Data Byte Strobe (in Asynchronous single mode)
One bit per byte is used as a strobe for host read or write accesses
Host Write Byte Enable (In Synchronous dual mode)
One bit per byte is used to indicate a valid data byte for host write accesses.
Host Data Byte Enable (in Synchronous single mode)
One bit per byte is used as a strobe enable for host read or write accesses
System Bus Write Enable
Outputs of the bus general-purpose chip-select machine (GPCM). These pins select byte lanes for write
operations.
System Bus SDRAM DQM
From the SDRAM control machine. These pins select specific byte lanes of SDRAM devices.
System Bus UPM Byte Select
From the UPM in the memory controller, these signals select specific byte lanes during memory
operations. The timing of these pins is programmed in the UPM. The actual driven value depends on the
address and size of the transaction and the port size of the accessed device.
HRDS
HRW
HRDE
Input
Input
Input
Host Read Data Strobe (In Asynchronous dual mode)
Used as a strobe for host read accesses.
Host Read/Write Select (in Asynchronous/Synchronous single mode)
Host read/write select.
Host Read Data Enable (In Synchronous dual mode)
Indicates valid data for host read accesses.
HBRST
Input
Host Burst
The host asserts this pin to indicate that the current transaction is a burst transaction in synchronous
mode only.
HDST[0–1]
HA[9–10]
Input
Host Data Structure 0–1
Defines the data structure of the host access in DSI little-endian mode.
Host Bus Address 9–10
Used by an external host to access the internal address space.
HCS
Input
Host Chip Select
DSI chip select. The DSI is accessed only if HCS is asserted and HCID[0–3] matches the Chip_ID.
HBCS
Input
Host Broadcast Chip Select
DSI chip select for broadcast mode. Enables more than one DSI to share the same host chip-select pin for
broadcast write accesses.
HTA
Output
Host Transfer Acknowledge
Upon a read access, indicates to the host when the data on the data bus is valid. Upon a write access,
indicates to the host that the data on the data bus was written to the DSI write buffer.
HCLKIN
Input
Host Clock Input
Host clock signal for DSI synchronous mode.
A[0–31]
Input/ Output Address Bus
When the MSC8122 is in external master bus mode, these pins function as the system address bus. The
MSC8122 drives the address of its internal bus masters and responds to addresses generated by external
bus masters. When the MSC8122 is in internal master bus mode, these pins are used as address lines
connected to memory devices and are controlled by the MSC8122 memory controller.
TT0
HA7
Input/ Output Bus Transfer Type 0
The bus master drives this pins during the address tenure to specify the type of the transaction.
Host Bus Address 7
Used by an external host to access the internal address space.
Table 1-5.
DSI, System Bus, Ethernet, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com