Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 56Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 57Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 58Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 59Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 60Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 61Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 63Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
MSC8122 Technical Data, Rev. 13
2-26
Freescale Semiconductor
Specifications
704
Boundary scan input data set-up time
5.0
—
ns
705
Boundary scan input data hold time
20.0
—
ns
706
TCK low to output data valid
0.0
30.0
ns
707
TCK low to output high impedance
0.0
30.0
ns
708
TMS, TDI data set-up time
5.0
—
ns
709
TMS, TDI data hold time
20.0
—
ns
710
TCK low to TDO data valid
0.0
20.0
ns
711
TCK low to TDO high impedance
0.0
20.0
ns
712
TRST assert time
100.0
—
ns
713
TRST set-up time to TCK low
30.0
—
ns
Note:
All timings apply to OnCE module data transfers as well as any other transfers via the JTAG port.
Figure 2-23.
Test Clock Input Timing Diagram
Figure 2-24.
Boundary Scan (JTAG) Timing Diagram
Table 2-29.
JTAG Timing (Continued)
No.
Characteristics
All
frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
701
702
703
703
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
VIH
VIL
Input Data Valid
Output Data Valid
705
704
706
707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com