Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 25Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 26Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 27Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 28Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 29Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 30Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 31Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 32Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
GPIO, TDM, UART, and Timer Signals
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
1-19
GPIO11
TDM2TDAT
IRQ9
ETHRX_ER
ETHTXD
Input/ Output
Input/ Output
Input
Input
Output
General-Purpose Input Output 11
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM2 Serial Transmitter Data
The transmit data signal for TDM 2. As an output, this can be the DATA_D data signal for TDM 2. For
configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation.
Interrupt Request 9
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Receive Data Error
In MII and RMII modes, indicates a receive data error.
Ethernet Transmit Data
In SMII, used as the Ethernet transmit data line.
GPIO12
TDM2RSYN
IRQ10
ETHRXD1
ETHSYNC
Input/ Output
Input/ Output
Input
Input
Output
General-Purpose Input Output 12
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM2 Receive Frame Sync
The receive sync signal for TDM 2. As an input, this can be the DATA_B data signal for TDM 2. For
configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation.
Interrupt Request 10
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Receive Data 1
Bit 1 of the Ethernet receive data (MII and RMII mode).
Ethernet Sync Signal
In SMII mode, this is the Ethernet sync signal input.
GPIO13
TDM2RCLK
IRQ11
ETHMDC
Input/ Output
Input/ Output
Input
Output
General-Purpose Input Output 13
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM2 Receive Clock
The receive clock signal for TDM 2. As an input, this can be the DATA_C data signal for TDM 2. For
configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation.
Interrupt Request 11
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Management Clock
Used for the MDIO reference clock for MII, RMII, and SMII modes.
Table 1-7.
GPIO, TDM, UART, Ethernet, and Timer Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com