Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MNSC140CORE Datasheet HTML 1Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 2Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 3Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 4Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 5Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 6Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 7Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 8Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Features
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
v
Memory Controller
Flexible eight-bank memory controller:
• Three user-programmable machines (UPMs), general-purpose chip-select machine (GPCM), and a page-mode
SDRAM machine.
• Glueless interface to SRAM, page mode SDRAM, DRAM, EPROM, Flash memory, and other user-definable
peripherals.
• Byte enables for either 64-bit or 32-bit bus width mode.
• Eight external memory banks (banks 0–7). Two additional memory banks (banks 9, 11) control IPBus
peripherals and internal memories. Each bank has the following features:
— 32-bit address decoding with programmable mask.
— Variable block sizes (32 KB to 4 GB).
— Selectable memory controller machine.
— Two types of data errors check/correction: normal odd/even parity and read-modify-write (RMW) odd/even
parity for single accesses.
— Write-protection capability.
— Control signal generation machine selection on a per-bank basis.
— Support for internal or external masters on the system bus.
— Data buffer controls activated on a per-bank basis.
— Atomic operation.
— RMW data parity check (on system bus only).
— Extensive external memory-controller/bus-slave support.
— Parity byte select pin, which enables a fast, glueless connection to RMW-parity devices (on the system bus
only).
— Data pipeline to reduce data set-up time for synchronous devices.
Multi-Channel DMA
Controller
• 16 time-multiplexed unidirectional channels.
• Services up to four external peripherals.
• Supports DONE or DRACK protocol on two external peripherals.
• Each channel group services 16 internal requests generated by eight internal FIFOs. Each FIFO generates:
— A watermark request to indicate that the FIFO contains data for the DMA to empty and write to the destination.
— A hungry request to indicate that the FIFO can accept more data.
• Priority-based time-multiplexing between channels using 16 internal priority levels.
• Round-robin time-multiplexing between channels.
• A flexible channel configuration:
— All channels support all features.
— All channels connect to the system bus or local bus.
• Flyby transfers in which a single data access is transferred directly from the source to the destination without
using a DMA FIFO.
Time-Division
Multiplexing (TDM)
Up to four independent TDM modules, each with the following features:
• Optional operating configurations:
— Totally independent receive and transmit channels, each having one data line, one clock line, and one frame
sync line.
— Four data lines with one clock and one frame sync shared among the transmit and receive lines.
• Connects gluelessly to most T1/E1 framers as well as to common buses such as the ST-BUS.
• Hardware A-law/
μ-law conversion.
• Up to 62.5 Mbps per TDM (62.5 MHz bit clock if one data line is used, 31.25 MHz if two data lines are used,
15.63 MHz if four data lines are used).
• Up to 256 channels.
• Up to 16 MB per channel buffer (granularity 8 bytes), where A/
μ law buffer size is double (granularity 16 byte).
• Receive buffers share one global write offset pointer that is written to the same offset relative to their start
address.
• Transmit buffers share one global read offset pointer that is read from the same offset relative to their start
address.
• All channels share the same word size.
• Two programmable receive and two programmable transmit threshold levels with interrupt generation that can
be used, for example, to implement double buffering.
• Each channel can be programmed to be active or inactive.
• 2-, 4-, 8-, or 16-bit channels are stored in the internal memory as 2-, 4-, 8-, or 16-bit channels, respectively.
• The TDM Transmitter Sync Signal (TxTSYN) can be configured as either input or output.
• Frame Sync and Data signals can be programmed to be sampled either on the rising edge or on the falling edge
of the clock.
• Frame sync can be programmed as active low or active high.
• Selectable delay (0–3 bits) between the Frame Sync signal and the beginning of the frame.
• MSB or LSB first support.
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com