Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MNSC140CORE Datasheet HTML 1Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 2Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 3Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 4Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 5Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 6Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 7Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 8Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Freescale Semiconductor
Technical Data
MSC8122
Rev. 13, 10/2006
© Freescale Semiconductor, Inc., 2004, 2006. All rights reserved.
MSC8122
Quad Core 16-Bit Digital Signal Processor
The MSC8122 is a highly integrated system-on-a-chip that combines four SC140 extended cores with an RS-232
serial interface, four time-division multiplexed (TDM) serial interfaces, thirty-two general-purpose timers, a
flexible system interface unit (SIU), an Ethernet interface, and a multi-channel DMA engine. The four extended
cores can deliver a total 4800/6400/8000 DSP MMACS performance at 300/400/500 MHz.
Each core has four arithmetic logic units (ALUs), internal memory, a write buffer, and two interrupt controllers.
The MSC8122 targets high-bandwidth highly computational DSP applications and is optimized for wireless
transcoding and packet telephony as well as high-bandwidth base station applications. The MSC8122 delivers
enhanced performance while maintaining low power dissipation and greatly reducing system cost.
Figure 1. MSC8122 Block Diagram
MQBus
SQBus
Local Bus
128
128
Boot
ROM
64
PLL
JTAG
RS-232
Internal Local Bus
Internal System Bus
IPBus
IP Master
64
64
UART
Memory
Controller
M2
RAM
GPIO Pins
Interrupts
Memory
Controller
System Bus
32/64
DSI Port
32
32/64
PLL/Clock
JTAG Port
SC140
Extended Core
SC140
Extended Core
SC140
Extended Core
System
Interface
32 Timers
4 TDMs
SC140
Extended Core
DMA
Bridge
SIU
Registers
Direct
Slave
Interface
(DSI)
8 Hardware
Semaphores
GIC
GPIO
MII/RMII/SMII
Ethernet
The raw processing power of
this highly integrated system-
on- a-chip device will enable
developers to create next-
generation networking
products that offer
tremendous channel
densities, while maintaining
system flexibility, scalability,
and upgradeability. The
MSC8122 is offered in three
core speed levels: 300, 400,
and 500 MHz.
What’s New?
Rev. 13 includes the following:
•Chapter 2 updates Table 2-13 to
add timings 17 and 18 for IRQs.


Similar Part No. - MNSC140CORE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MNSC140CORE FREESCALE-MNSC140CORE Datasheet
1Mb / 80P
Quad Core 16-Bit Digital Signal Processor
MNSC140CORE/D FREESCALE-MNSC140CORE/D Datasheet
1Mb / 104P
Network Digital Signal Processor
More results

Similar Description - MNSC140CORE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
16-Bit Fixed Point Digital Signal Processor DSP Core
04-Sep-1997
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8102 FREESCALE-MSC8102 Datasheet
1Mb / 80P
Quad Core 16-Bit Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com