Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 32Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 33Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 34Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
MSC8122 Technical Data, Rev. 13
2-2
Freescale Semiconductor
Specifications
Table 2-1 describes the maximum electrical ratings for the MSC8122.
2.2 Recommended Operating Conditions
Table 2-2 lists recommended operating conditions. Proper device operation outside of these conditions is not
guaranteed.
Table 2-1.
Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Core and PLL supply voltage
VDD
–0.2 to 1.6
V
I/O supply voltage
VDDH
–0.2 to 4.0
V
Input voltage
VIN
–0.2 to 4.0
V
Maximum operating temperature:
• Standard range
• Extended range
TJ
90
105
°C
°C
Minimum operating temperature
• Standard range
• Extended range
TJ
0
–40
°C
°C
Storage temperature range
TSTG
–55 to +150
°C
Notes:
1.
Functional operating conditions are given in Table 2-2.
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the listed limits may affect device reliability or cause permanent damage.
3.
Section 4.5, Thermal Considerations includes a formula for computing the chip junction temperature (TJ).
Table 2-2.
Recommended Operating Conditions
Rating
Symbol
Value
Unit
Core and PLL supply voltage:
• Standard
— 400 MHz
— 500 MHz
• Reduced (300 and 400 MHz)
VDD
VCCSYN
1.14 to 1.26
1.16 to 1.24
1.07 to 1.13
V
V
V
I/O supply voltage
VDDH
3.135 to 3.465
V
Input voltage
VIN
–0.2 to VDDH+0.2
V
Operating temperature range:
• Standard
• Extended
TJ
TJ
0 to 90
–40 to 105
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com