Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 156Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 157Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 158Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 159Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 160Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 161Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 162Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 163Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 552 page
background image
Chapter 8 DMA Controller
8-4
8.3
Detailed Explanation
8.3.1
Transfer Mode
The DMA Controller (DMAC0, DMAC1) supports five transfer mode types (refer to Table 8.3.1
below). The setting of the External Request bit (DMCCRn.EXTRQ) of the DMA Channel Control
Register selects whether transfer with an I/O device is a DMA transfer.
•
I/O DMA Transfer Mode (DMCCRn.EXTRQ = “1”)
Perform DMA transfer with either an external device connected to the External Bus Controller or
an on-chip I/O device (ACLC or SIO).
•
Memory Transfer Mode (DMCCRn.EXTRQ = “0”)
Either copies data between memory devices or fills data in memory.
Table 8.3.1 DMA Controller Transfer Modes
DMA
Controller
Transfer Mode
DMCCRn
EXTREQ
PCFG
DMASEL
DMCCRn
SNGAD
DMSAR
DMDAR
Ref.
External I/O
(Single Address)
1
0
1
√
⎯
8.3.3
8.3.7
External I/O
(Dual Address)
1
0
0
√
√
8.3.3
8.3.8
Internal I/O (SIO)
1
1
0
√
√
8.3.4
8.3.8
Memory-Memory Copy
0
⎯
0
√
√
8.3.4
8.3.8
DMAC0
Fill Memory
0
⎯
1
√
⎯
8.3.6
8.3.7
Internal I/O (ACLC)
1
⎯
0
√
√
8.3.4
8.3.8
Memory-Memory Copy
0
⎯
0
√
√
8.3.4
8.3.8
DMAC1
Fill Memory
0
⎯
1
√
⎯
8.3.6
8.3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com