Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 162 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 162 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 158Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 159Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 160Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 161Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 162Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 163Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 164Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 165Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 166Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 552 page
background image
Chapter 8 DMA Controller
8-6
•
When edge detection is set (DMCCRn.EGREQ
= 1)
Please set up assertion of the DMAREQ[n] signal so the DMAREQ[n] signal is asserted
after the DMAACK[n] signal corresponding to a previously asserted DMAREQ[n] signal is
deasserted. The DMAREQ[n] signal will not be detected even if it is asserted before
DMAACK[n] is deasserted.
Figure 8.3.1 is a timing diagram that shows the timing of external DMA access. In this timing
diagram, both the DMAREQ[n] signal and the DMAACK[n] signal are set to Low active
(DMCCRn.REQPL = 0, DMCCRn.ACKPOL = 0).
The DMAACK[n] and DMADONE[n] signals, which are DMA control signals, are
synchronized to SDCLK. When these signals are used by an external I/O device that is
synchronous to SYSCLK, it is necessary to take clock skew into account.
The DMAACK[n] signal is asserted either at the SYSCLK cycle, the same as with assertion of
the CE*/CS* signal, or before that. In addition, it is deasserted after the last ACK*/READY signal
is deasserted.
When the DMADONE* signal (refer to 8.3.3.4) is used as an output signal, it is asserted for at
least one SYSCLK cycle while the DMAACK[n] signal is asserted either during the same
SYSCLK cycle that the CE*/CS* signal is deasserted or during a subsequent SYSCLK cycle.
When the DMADONE* signal is used as an input signal, it must be asserted for one SYSCLK
cycle while the DMAACK[n] signal is being asserted.
Figure 8.3.1 External I/O DMA Transfer (Single Address, Level Request)
1c040
SYSCLK
CE*
ADDR [19:0]
ACE*
OE*/BUSSPRT*
SWE*
BWE*
DATA [31:0]
ACK*
DMAREQ[n]
DMAACK[n]
DMADONE*
00040
f
00000100
1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com