Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 157Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 158Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 159Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 160Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 161Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 162Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 163Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 164Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 552 page
background image
Chapter 8 DMA Controller
8-5
8.3.2
On-chip Registers
The DMA Controller has two shared registers that are shared by four channels. Section 8.4 explains
each register in detail.
•
Shared Registers
DMMCR:
DMA Master Control Register
DMMFDR:
DMA Memory Fill Data Register
•
DMA Channel Register
DMCHARn:
DMA Chained Address Register
DMSARn:
DMA Source Address Register
DMDARn:
DMA Destination Address Register
DMCNTRn:
DMA Count Register
DMSAIRn:
DMA Source Address Increment Register
DMDAIRn:
DMA Destination Address Increment Register
DMCCRn:
DMA Channel Control Register
DMCSRn:
DMA Channel Status Register
8.3.3
External I/O DMA Transfer Mode
The External I/O DMA Transfer Mode performs DMA transfer with external I/O devices that are
connected to the External Bus Controller.
8.3.3.1
External Interface
External I/O devices signal DMA requests to the DMA Controller by asserting the DMA
Transfer Request Signal (DMAREQ[n]). On the other hand, the DMA Controller accesses external
I/O devices by asserting the DMA Transfer Acknowledge Signal (DMAACK[n]).
The DMA Transfer Request signal (DMAREQ[n]) can use the Request Polarity bit (REQPOL)
of the DMA Channel Control Register (DMCCRn) to select the signal polarity for each channel,
and can use the Edge Request bit (EGREQ) to select either edge detection or level detection for
each channel. The DMA Transfer Acknowledge signal (DMAACK[n]) can also use the
Acknowledge Polarity bit (ACKPOL) to select the polarity.
Please assert/deassert the DMAREQ[n] signal as follows below.
•
When level detection is set (DMCCRn.EGREQ = 0)
The DMAREQ[n] signal must be continuously asserted until one SYSCLK cycle after the
DMAACK[n] signal is asserted. Also, the DMAREQ[n] signal must be deasserted before the
CE*/CS* signal is deasserted. If this signal is asserted too soon, DMA transfer will not be
performed. If this signal is asserted or deasserted too late, unexpected DMA transfer may
result.
During Dual Address transfer, we recommend detecting assertion of the CE* signal for the
external I/O device that is currently asserting DMAACK[n], then deasserting DMAREQ[n].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com