Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-180
The selected clock (fFPH clock, fc/16 clock or fs clock) is divided by 4 and input to the
prescaler. This selection is made by the prescaler clock selection register
SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to “00” and selects the fFPH clock input divided by 4.
The baud rate generator selects between 4 clock inputs: The prescaler outputs
φT0,
φT2, φT8, and φT32.
The prescaler can be run or stopped by the timer operation control register
TRUN<PRRUN>. Counting starts when <PRRUN> is set to “1”. The prescaler is
cleared to zero and stops operation when <PRRUN> is set to “0”.
Resetting clears <PRRUN> to “0”, clearing the prescaler and stopping operation.
When IDLE1 mode (in which only the oscillator operates) is used, set
TRUN<PRRUN> to “0” to stop the prescaler before a HALT instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com