Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-184
6. Receiving buffer
To prevent overrun errors, the receiving buffer has a double buffer structure.
Received data is stored bit by bit in receiving buffer 1 (Shift register type). When 7
bits or 8 bits of data are stored in receiving buffer 1, the stored data is transferred to
receiving buffer 2 (SC0BUF), generating an interrupt INTRX0. The CPU reads only
receiving buffer 2 (SC0BUF). Even before the CPU has read receiving buffer 2
(SC0BUF), more received data can be stored in receiving buffer 1. However, unless
receiving buffer 2 (SC0BUF) is read before all the bits of the next data are received by
receiving buffer 1, an overrun error occurs. If an overrun error occurs, the contents of
receiving buffer 1 will be lost, although the contents of receiving buffer 2 and
SC0CR<RB8> are still preserved.
The parity bit added in 8-bit UART mode and the most significant bit (MSB) in 9-bit
UART mode are stored in SC0CR<RB8>.
In 9-bit UART mode, the wakeup function for the slave controller is enabled by
setting SC0MOD<WU> to “1”; and interrupt INTRX0 occurs only when SC0CR<RB8>
is set to 1.
7. Transmission counter
The transmission counter is a 4-bit binary counter which is used in Asynchronous
communication (UART) mode and, like a receiving counter, counts using the SIOCLK
clock. This generates a TXDCLK pulse every 16 clock pulses.
Figure 3.11.15 Generation of Transmission Clock
8. Transmission controller
•
I/O interface mode
In SCLK0 output mode with a setting of SC0CR<IOC>
= 0, the data in the
transmission buffer is output bit by bit to the TXD0 pin at the rising edge of the
shift clock which is output from the SCLK0 pin.
In SCLK0 Input mode with a setting of SC0CR<IOC>
= 1, the data in the
transmission buffer is output bit by bit to the TXD0 pin at the rising edge or falling
edge of the SCLK0 input, according to the setting of the SC0CR<SCLKS> register.
•
Asynchronous communication (UART) mode
When transmission data is written to the transmission buffer from the CPU,
transmission starts at the rising edge of the next TXDCLK pulse.
SIOCLK
TXDCLK
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com