Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 184 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 184 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 188Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-182
Table 3.11.2 Selection of Transfer Rate (1) (when baud rate generator is used)
Unit (kbps)
fc [MHz]
Input clock
Frequency divisor
φT0
φT2
φT8
φT32
2
76.800
19.200
4.800
1.200
4
38.400
9.600
2.400
0.600
8
19.200
4.800
1.200
0.300
9.830400
0
9.600
2.400
0.600
0.150
5
38.400
9.600
2.400
0.600
12.288000
A
19.200
4.800
1.200
0.300
3
76.800
19.200
4.800
1.200
6
38.400
9.600
2.400
0.600
14.745600
C
19.200
4.800
1.200
0.300
Note 1: Transfer rates in I/O interface mode are 8 times faster than the values given in the
above table.
Note 2: This table is calculated for when fc is selected as the system clock, the clock gear is set
to fc, and the system clock is selected as the prescaler clock input.
Table 3.11.3 Selection of Transfer Rate (2) (when timer 0 (Input clock φT1) is used)
Unit (kbps)
fc
TREG0
12.288 MHz
12 MHz
9.8304 MHz
8 MHz
6.144 MHz
1H
96
76.8
62.5
48
2H
48
38.4
31.25
24
3H
32
31.25
16
4H
24
19.2
12
5H
19.2
9.6
8H
12
9.6
6
AH
9.6
4.8
10H
6
4.8
3
14H
4.8
2.4
How to calculate the transfer rate (when timer 0 is used):
Clock frequency selected by SYSCR0<PRCK1:0>
Transfer rate
=
TREG0 × 8 × 16
(when timer 0 (Input clock φT1) is used)
Note 1: Timer 0 match detect signal cannot be used as the transfer clock in I/O interface mode.
Note 2: This table is calculated for when fc is selected as the system clock, the clock gear is set
to fc, and fFPH is selected as the prescaler clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com