Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 185 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 185 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 189Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-183
3. Serial clock generation circuit
This circuit generates the basic clock for transmitting and receiving data.
•
I/O interface mode
In SCLK output mode with a setting of SC0CR<IOC>
= “0”, the basic clock is
generated by dividing the output of the baud rate generator by 2, as described
previously. In SCLK Input mode with setting of SC0CR<IOC>
= “1”, the rising edge
or falling edge is detected, according to the setting of the SC0CR<SCLKS> register,
and used to generate the basic clock.
•
UART mode
The setting of SC0MOD<SC1:0> selects the baud rate generator clock, internal
clock
φ1 (Max 625 kbps at fc = 20 MHz) or the match detect signal from timer 0 as
the signal from which to generate the basic clock SIOCLK.
4. Receiving counter
The receiving counter is a 4-bit binary counter used in asynchronous communication
(UART) mode and counts up with the SIOCLK clock. A duration of 16 pulses of
SIOCLK are used for receiving 1 bit of data, and the data bit is sampled three times, at
the 7th, 8th, and 9th clock ticks.
Using these three samples, the received data is evaluated using the majority rule.
For example, if the sampled data bits are respectively “1”, “0” and “1” at the 7th, 8th,
and 9th clock ticks, the received data is evaluated as “1”. Sampled data “0”, “0” and 1 is
evaluated to be “0”.
5. Receiving control
•
I/O interface mode
In SCLK0 output mode with a setting of SC0CR<IOC>
= “0”, the RXD0 signal
will be sampled at the rising edge of the shift clock which is output to the SCLK0
pin.
In SCLK0 input mode with a setting of SC0CR<IOC>
= “1”, the RXD0 signal will
be sampled at the rising edge or falling edge of the SCLK0 input, according to the
setting of the SC0CR<SCLKS> register.
•
Asynchronous communication (UART) mode
The receiving control block has a circuit for detecting the start bit using the
majority rule. When two or more 0’s are detected out of 3 samples, it is recognized
as a start bit and the receiving operation is started.
The data being received is also evaluated using the majority rule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com