Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 151Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 152Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 153Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 252 page
background image
Page 143
TMP86FS23UG
12.3.2 Shift edge
The leading edge is used to transmit, and the trailing edge is used to receive.
12.3.2.1 Leading edge
Transmitted data are shifted on the leading edge of the serial clock (falling edge of the SCK pin input/
output).
12.3.2.2 Trailing edge
Received data are shifted on the trailing edge of the serial clock (rising edge of the SCK pin input/out-
put).
Figure 12-5 Shift edge
12.4 Number of bits to transfer
Either 4-bit or 8-bit serial transfer can be selected. When 4-bit serial transfer is selected, only the lower 4 bits of
the transmit/receive data buffer register are used. The upper 4 bits are cleared to “0” when receiving.
The data is transferred in sequence starting at the least significant bit (LSB).
12.5 Number of words to transfer
Up to 8 words consisting of 4 bits of data (4-bit serial transfer) or 8 bits (8-bit serial transfer) of data can be trans-
ferred continuously. The number of words to be transferred can be selected by SIOCR2<BUF>.
An INTSIO interrupt is generated when the specified number of words has been transferred. If the number of
words is to be changed during transfer, the serial interface must be stopped before making the change. The number of
words can be changed during automatic-wait operation of an internal clock. In this case, the serial interface is not
required to be stopped.
Bit 1
Bit 2
Bit 3
*321
3210
**32
***3
Bit 0
Shift register
Shift register
Bit 1
Bit 0
Bit 2
Bit 3
0***
****
210*
10**
3210
(a) Leading edge
(b) Trailing edge
*; Don’t care
SO pin
SI pin
SCK pin
SCK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com