Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 252 page
background image
Page 147
TMP86FS23UG
Figure 12-10 Receive Mode (Example: 8bit, 1word transfer, Internal clock)
12.6.3 8-bit transfer / receive mode
After setting the SIO control register to the 8-bit transmit/receive mode, write the data to be transmitted first
to the data buffer registers (DBR). After that, enable the transmit/receive by setting SIOCR1<SIOS> to “1”.
When transmitting, the data are output from the SO pin at leading edges of the serial clock. When receiving,
the data are input to the SI pin at the trailing edges of the serial clock. When the all receive is enabled, 8-bit
data are transferred from the shift register to the data buffer register. An INTSIO interrupt is generated when
the number of data words specified with the SIOCR2<BUF> has been transferred. Usually, read the receive
data from the buffer register in the interrupt service. The data buffer register is used for both transmitting and
receiving; therefore, always write the data to be transmitted after reading the all received data.
When the internal clock is used, a wait is initiated until the received data are read and the next transfer data
are written. A wait will not be initiated if even one transfer data word has been written.
When an external clock is used, the shift operation is synchronized with the external clock; therefore, it is
necessary to read the received data and write the data to be transmitted next before starting the next shift oper-
ation. When an external clock is used, the transfer speed is determined by the maximum delay between genera-
tion of an interrupt request and the received data are read and the data to be transmitted next are written.
The transmit/receive operation is ended by clearing SIOCR1<SIOS> to “0” or setting SIOCR1<SIOINH> to
“1” in INTSIO interrupt service program.
When SIOCR1<SIOS> is cleared, the current data are transferred to the buffer. After SIOCR1<SIOS>
cleared, the transmitting/receiving is ended at the time that the final bit of the data has been transmitted.
That the transmitting/receiving has ended can be determined from the status of SIOSR<SIOF>.
SIOSR<SIOF> is cleared to “0” when the transmitting/receiving is ended.
When SIOCR1<SIOINH> is set, the transmit/receive operation is immediately ended and SIOSR<SIOF> is
cleared to “0”.
If it is necessary to change the number of words in external clock operation, SIOCR1<SIOS> should be
cleared to “0”, then SIOCR2<BUF> must be rewritten after confirming that SIOSR<SIOF> has been cleared to
“0”.
If it is necessary to change the number of words in internal clock, during automatic-wait operation which
occurs after completion of transmit/receive operation, SIOCR2<BUF> must be rewritten before reading and
writing of the receive/transmit data.
a1
a0
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
DBR
b
a
Clear SIOS
Read out
Read out
SCK pin
(Output)
SI pin
INTSIO Interrupt
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com