Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 252 page
background image
Page 151
TMP86FS23UG
Note 1: Always set bit0 in ADCCR2 to "0" and set bit4 in ADCCR2 to "1".
Note 2: When a read instruction for ADCCR2, bit6 to 7 in ADCCR2 read in as undefined data.
Note 3: After STOP or SLOW/SLEEP mode are started, AD converter control register2 (ADCCR2) is all initialized and no data can
be written in this register. Therfore, to use AD converter again, set the ADCCR2 newly after returning to NORMAL1 or
NORMAL2 mode.
Note 1: Setting for "
−" in the above table are inhibited.
fc: High Frequency oscillation clock [Hz]
Note 2: Set conversion time setting should be kept more than the following time by Analog reference voltage (VAREF) .
AD Converter Control Register 2
ADCCR2
(000FH)
7654
3210
IREFON
"1"
ACK
"0"
(Initial value: **0* 000*)
IREFON
DA converter (Ladder resistor) connection
control
0:
1:
Connected only during AD conversion
Always connected
R/W
ACK
AD conversion time select
(Refer to the following table about the con-
version time)
000:
001:
010:
011:
100:
101:
110:
111:
39/fc
Reserved
78/fc
156/fc
312/fc
624/fc
1248/fc
Reserved
Table 13-1 ACK setting and Conversion time
Condition
Conversion
time
16 MHz
8 MHz
4 MHz
2 MHz
10 MHz
5 MHz
2.5 MHz
ACK
000
39/fc
-
-
-
19.5
µs
-
-
15.6
µs
001
Reserved
010
78/fc
-
-
19.5
µs
39.0
µs
-
15.6
µs
31.2
µs
011
156/fc
-
19.5
µs
39.0
µs
78.0
µs
15.6
µs
31.2
µs
62.4
µs
100
312/fc
19.5
µs39.0 µs
78.0
µs
156.0
µs
31.2
µs
62.4
µs124.8 µs
101
624/fc
39.0
µs78.0 µs
156.0
µs
-
62.4
µs124.8 µs-
110
1248/fc
78.0
µs
156.0
µs
-
-
124.8
µs-
-
111
Reserved
-
VAREF = 4.5 to 5.5 V
15.6
µs and more
-
VAREF = 2.7 to 5.5 V
31.2
µs and more
AD Converted value Register 1
ADCDR1
(0021H)
76543
210
AD09
AD08
AD07
AD06
AD05
AD04
AD03
AD02
(Initial value: 0000 0000)
AD Converted value Register 2
ADCDR2
(0020H)
76543
210
AD01
AD00
EOCF
ADBF
(Initial value: 0000 ****)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com