Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 162 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 162 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 166Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 252 page
background image
Page 150
13. 10-bit AD Converter (ADC)
13.2 Register configuration
TMP86FS23UG
13.2 Register configuration
The AD converter consists of the following four registers:
1. AD converter control register 1 (ADCCR1)
This register selects the analog channels and operation mode (Software start or repeat) in which to per-
form AD conversion and controls the AD converter as it starts operating.
2. AD converter control register 2 (ADCCR2)
This register selects the AD conversion time and controls the connection of the DA converter (Ladder
resistor network).
3. AD converted value register 1 (ADCDR1)
This register used to store the digital value fter being converted by the AD converter.
4. AD converted value register 2 (ADCDR2)
This register monitors the operating status of the AD converter.
Note 1: Select analog input channel during AD converter stops (ADCDR2<ADBF> = "0").
Note 2: When the analog input channel is all use disabling, the ADCCR1<AINDS> should be set to "1".
Note 3: During conversion, Do not perform port output instruction to maintain a precision for all of the pins because analog input
port use as general input port. And for port near to analog input, Do not input intense signaling of change.
Note 4: The ADCCR1<ADRS> is automatically cleared to "0" after starting conversion.
Note 5: Do not set ADCCR1<ADRS> newly again during AD conversion. Before setting ADCCR1<ADRS> newly again, check
ADCDR2<EOCF> to see that the conversion is completed or wait until the interrupt signal (INTADC) is generated (e.g.,
interrupt handling routine).
Note 6: After STOP or SLOW/SLEEP mode are started, AD converter control register1 (ADCCR1) is all initialized and no data can
be written in this register. Therfore, to use AD converter again, set the ADCCR1 newly after returning to NORMAL1 or
NORMAL2 mode.
AD Converter Control Register 1
ADCCR1
(000EH)
765
43210
ADRS
AMD
AINDS
SAIN
(Initial value: 0001 0000)
ADRS
AD conversion start
0:
1:
-
AD conversion start
R/W
AMD
AD operating mode
00:
01:
10:
11:
AD operation disable
Software start mode
Reserved
Repeat mode
AINDS
Analog input control
0:
1:
Analog input enable
Analog input disable
SAIN
Analog input channel select
0000:
0001:
0010:
0011:
0100:
0101:
0110:
0111:
1000:
1001:
1010:
1011:
1100:
1101:
1110:
1111:
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com