Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 156 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 156 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 152Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 153Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 160Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 252 page
background image
Page 144
12. Synchronous Serial Interface (SIO)
12.6 Transfer Mode
TMP86FS23UG
Figure 12-6 Number of words to transfer (Example: 1word = 4bit)
12.6 Transfer Mode
SIOCR1<SIOM> is used to select the transmit, receive, or transmit/receive mode.
12.6.1 4-bit and 8-bit transfer modes
In these modes, firstly set the SIO control register to the transmit mode, and then write first transmit data
(number of transfer words to be transferred) to the data buffer registers (DBR).
After the data are written, the transmission is started by setting SIOCR1<SIOS> to “1”. The data are then
output sequentially to the SO pin in synchronous with the serial clock, starting with the least significant bit
(LSB). As soon as the LSB has been output, the data are transferred from the data buffer register to the shift
register. When the final data bit has been transferred and the data buffer register is empty, an INTSIO (Buffer
empty) interrupt is generated to request the next transmitted data.
When the internal clock is used, the serial clock will stop and an automatic-wait will be initiated if the next
transmitted data are not loaded to the data buffer register by the time the number of data words specified with
the SIOCR2<BUF> has been transmitted. Writing even one word of data cancels the automatic-wait; therefore,
when transmitting two or more words, always write the next word before transmission of the previous word is
completed.
Note:Automatic waits are also canceled by writing to a DBR not being used as a transmit data buffer register; there-
fore, during SIO do not use such DBR for other applications. For example, when 3 words are transmitted, do
not use the DBR of the remained 5 words.
When an external clock is used, the data must be written to the data buffer register before shifting next data.
Thus, the transfer speed is determined by the maximum delay time from the generation of the interrupt request
to writing of the data to the data buffer register by the interrupt service program.
The transmission is ended by clearing SIOCR1<SIOS> to “0” or setting SIOCR1<SIOINH> to “1” in buffer
empty interrupt service program.
a1
a2
a3
a0
a1
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
a0
a1
a0
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
(a) 1 word transmit
(b) 3 words transmit
(c) 3 words receive
SO pin
INTSIO interrupt
INTSIO interrupt
INTSIO interrupt
SO pin
SI pin
SCK pin
SCK pin
SCK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com