Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
Data Sheet
ADIN1101
APPLICATIONS INFORMATION
analog.com
Rev. A | 35 of 79
LED CIRCUIT EXAMPLES
The LED_0 pin can be used in various circuit configurations de-
pending on the LED polarity mode selected (see the LED Polarity
Register section). The circuits described in the following sections
provide examples for three polarity modes that are available for
each LED. Three polarity modes are available for the LED, as
follows:
►
Autosense (default)
►
Active high
►
Active low
The output current for the LED_0 pin is 8 mA with a VDDIO =
3.3 V (see the Specifications section for details). For higher current
requirements, consider using the circuit described in the Transistor
Controlled LED section.
Active High LED Polarity
In active high configuration, the LED_0 pin can drive an external
LED from the anode side. Select the R0 resistor to control the LED
current (refer to the LED specifications in Table 1 for information).
An external pull-down resistor (RPD0) with a value of 4.7 kΩ is
recommended.
Figure 25. Active High LED Polarity Configuration
Active Low LED Polarity
In active low configuration, the LED_0 pin can drive an external
LED from the cathode side. Select the R0 resistor to control the
LED current (refer to the LED specifications in Table 1 for informa-
tion). An external pull-up resistor (RPU0) with a value of 4.7 kΩ is
recommended.
Figure 26. Active Low LED Polarity Configuration
Transistor Controlled LED
Figure 27 displays a typical configuration where the LED current
required is higher than what the LED_0 pin can supply. The circuit
operates using the active high LED mode. An external transistor
such as an N channel metal-oxide semiconductor field effect tran-
sistor (MOSFET) can be used. The transistor must be selected so
that the gate input capacitance is not sinking current above the
maximum rating of the LED_0 pin during the actuation. Refer to
the transistor technical specifications for information. If required,
the inrush current can be reduced by placing a resistance between
the transistor gate and the ADIN1101 pin and/or adding a parallel
capacitor between GND and the LED_0 pin. The additional resistor
and capacitor values must be defined based on the transistor
selection.
Select the R0 resistor to control the LED current (refer to the
selected LED and transistor specifications of the manufacturer for
information).
An external pull-down resistor (RPD0) with a value of 4.7 kΩ is
recommended. In Figure 27, VCC is the power supply used to
supply the LEDs.
Figure 27. Transistor Controlled LED Configuration
Autosense Polarity
In autosense mode, the polarity of the LED is automatically detect-
ed during power-up, hardware reset, or software reset.
COMPONENT RECOMMENDATIONS
The ADIN1101 requires an external 25 MHz or 50 MHz clock, which
can be sourced from an external crystal oscillator (25 MHz) or an
external single-ended clock (25 MHz or 50 MHz). The RMII requires
an external 50 MHz clock as described in the External 50 MHz
Clock Input for RMII Mode section.
The signal voltage on the XTAL_I/CLK_IN pin (VCLK_IN) must be
a sine or filtered square wave signal with a peak-to-peak voltage
range from 0.8 V to 2.5 V. For the single-ended clock option, a
VCLK_IN with a 1.0 V p-p swing is recommended to achieve best
performance.
Various circuit configurations are proposed in the following sections.
A common circuit topology can be used across these options with a
change to the passive component values.
Note that during normal operation, a 25 MHz reference clock
generated from the external clock source input (crystal, 25 MHz or
50 MHz clock) is provided on the CLK25_REF output pin. This pin
can be used as a reference clock for other circuits, such as another
10BASE-T1L device. CLK25_REF is disabled in reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com