Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101CCPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADIN1101CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101CCPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADIN1101CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101CCPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 65 of 79
Table 103. Bit Descriptions for CRSM_STAT (Continued)
Bits
Bit Name
Description
Reset
Access
1
CRSM_SFT_PD_RDY
Software Power-Down Status. This bit indicates that the system is in the software power-down
state.
0x0
R
0
CRSM_SYS_RDY
System Ready. This bit indicates that the start-up sequence is complete and the system is ready for
normal operation.
0x0
R
CRSM Power Management Control Register
Device Address: 0x1E; Register Address: 0x8819, Reset: 0x0000, Name: CRSM_PMG_CNTRL
Table 104. Bit Descriptions for CRSM_PMG_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_FRC_OSC_EN
Force Digital Boot Oscillator Clock Enable.
0x0
R/W
MAC Interface Configuration Register
Device Address: 0x1E; Register Address: 0x882B, Reset: 0x0000, Name: CRSM_MAC_IF_CFG
Configure the MAC interface only by pins. Do not change by software.
Table 105. Bit Descriptions for CRSM_MAC_IF_CFG
Bits
Bit Name
Description
Reset
Access
15
CRSM_RMII_CLK50
This bit Indicates if the RMII REF_CLK frequency is 50 MHz or 25 MHz. Only
for debugging purposes.
Pin dependent
R/W
14
CRSM_RMII_CLK_EN
CRSM RMII Clock Enable Status. This bit indicates if the RMII clock
generation is enabled.
Pin dependent
R/W
[13:9]
RESERVED
Reserved.
0x0
R
8
CRSM_RMII_MEDIA_CNV_EN
Media Converter Enable. When this bit is 1, the media converter functionality
for the RMII MAC interface mode is enabled. Note that the media convertor
functionality can only be enabled if an RMII MAC interface is being used.
Pin dependent
R/W
[7:5]
RESERVED
Reserved.
0x0
R
4
CRSM_RMII_EN
RMII MAC Interface Enable. Enable RMII MAC interface mode. Do not set
CRSM_RGMII_EN and CRSM_RMII_EN at the same time. Configure the
MAC interface only by pins. Do not change by software.
Pin dependent
R/W
[3:1]
RESERVED
Reserved.
0x0
R
0
CRSM_RGMII_EN
RGMII MAC Interface Enable. Enable RGMII MAC interface mode. Do not
set CRSM_RGMII_EN and CRSM_RMII_EN at the same time. Configure the
MAC interface only by pins. Do not change by software.
Pin dependent
R/W
CRSM Diagnostics Clock Control Register
Device Address: 0x1E; Register Address: 0x882C, Reset: 0x0002, Name: CRSM_DIAG_CLK_CTRL
CRSM diagnostics clock control.
Table 106. Bit Descriptions for CRSM_DIAG_CLK_CTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x1
R
0
CRSM_DIAG_CLK_EN
Enable the Diagnostics Clock.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com